Electronic Components Datasheet Search
  English  ▼

X  

AM69AX Datasheet(PDF) 44 Page - Texas Instruments

Part # AM69AX
Description  AM69Ax Processors, Silicon Revision 1.0
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69AX Datasheet(HTML) 44 Page - Texas Instruments

Back Button AM69AX Datasheet HTML 40Page - Texas Instruments AM69AX Datasheet HTML 41Page - Texas Instruments AM69AX Datasheet HTML 42Page - Texas Instruments AM69AX Datasheet HTML 43Page - Texas Instruments AM69AX Datasheet HTML 44Page - Texas Instruments AM69AX Datasheet HTML 45Page - Texas Instruments AM69AX Datasheet HTML 46Page - Texas Instruments AM69AX Datasheet HTML 47Page - Texas Instruments AM69AX Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 299 page
background image
Table 6-1. Pin Attributes (ALY Package) (continued)
Ball
Num [1]
Ball
Name [2]
PADCFG Register [15]
PADCFG Address [16]
Signal
Name [3]
Mux
Mode
[4]
Signal
Type [5]
I/O
Voltage [6]
Ball State
DURING
Reset
(RX/TX/PULL)
[7]
Ball State
AFTER
Reset
(RX/TX/PULL)
[8]
Mux
Mode
AFTER
Reset [9]
Pull
Type
[10]
Power [11]
Hys
[12]
Voltage
Buffer
Type [13]
IO
RET [14]
AD34
MCASP0_AXR12
PADCFG:
PADCONFIG_40
0x0011C0A0
MCAN7_RX
0
I
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV2
Yes
LVCMOS
Yes
MCASP0_AXR12
1
IO
MCASP2_ACLKR
3
IO
DSS_FSYNC3
4
O
GPMC0_A5
5
OZ
RGMII1_RD1
6
I
GPIO0_40
7
IO
RMII1_TXD0
8
O
EHRPWM_SOCB
9
O
SPI2_CLK
10
IO
UART5_TXD
11
O
AJ36
MCASP0_AXR13
PADCFG:
PADCONFIG_41
0x0011C0A4
MCAN8_TX
0
O
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV2
Yes
LVCMOS
Yes
MCASP0_AXR13
1
IO
MCASP2_AFSR
3
IO
GPMC0_A6
5
OZ
RGMII1_RD2
6
I
GPIO0_41
7
IO
RMII_REF_CLK
8
I
EHRPWM4_A
9
IO
SPI2_CS0
10
IO
UART5_CTSn
11
I
UART7_RXD
13
I
AF34
MCASP0_AXR14
PADCFG:
PADCONFIG_42
0x0011C0A8
MCAN8_RX
0
I
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV2
Yes
LVCMOS
Yes
MCASP0_AXR14
1
IO
MCASP2_AXR4
2
IO
MCASP0_ACLKR
3
IO
GPMC0_A7
5
OZ
RGMII1_RD3
6
I
GPIO0_42
7
IO
CLKOUT
8
IO
EQEP0_A
9
I
SPI2_D0
10
IO
UART5_RTSn
11
O
UART7_TXD
13
O
AM69A
SPRSP92 – FEBRUARY 2023
www.ti.com
44
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM69A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com