Electronic Components Datasheet Search
  English  ▼

X  

AM69AX Datasheet(PDF) 54 Page - Texas Instruments

Part # AM69AX
Description  AM69Ax Processors, Silicon Revision 1.0
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69AX Datasheet(HTML) 54 Page - Texas Instruments

Back Button AM69AX Datasheet HTML 50Page - Texas Instruments AM69AX Datasheet HTML 51Page - Texas Instruments AM69AX Datasheet HTML 52Page - Texas Instruments AM69AX Datasheet HTML 53Page - Texas Instruments AM69AX Datasheet HTML 54Page - Texas Instruments AM69AX Datasheet HTML 55Page - Texas Instruments AM69AX Datasheet HTML 56Page - Texas Instruments AM69AX Datasheet HTML 57Page - Texas Instruments AM69AX Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 299 page
background image
Table 6-1. Pin Attributes (ALY Package) (continued)
Ball
Num [1]
Ball
Name [2]
PADCFG Register [15]
PADCFG Address [16]
Signal
Name [3]
Mux
Mode
[4]
Signal
Type [5]
I/O
Voltage [6]
Ball State
DURING
Reset
(RX/TX/PULL)
[7]
Ball State
AFTER
Reset
(RX/TX/PULL)
[8]
Mux
Mode
AFTER
Reset [9]
Pull
Type
[10]
Power [11]
Hys
[12]
Voltage
Buffer
Type [13]
IO
RET [14]
G38
MCU_SPI0_CLK
PADCFG:
WKUP_PADCONFIG_40
0x4301C0A0
MCU_SPI0_CLK
0
IO
1.8 V/3.3 V
On / Off / Off
On / Off / Off
7
PU/PD
VDDSHV0_M
CU
Yes
LVCMOS
Yes
WKUP_GPIO0_54
7
IO
MCU_BOOTMODE00
BOOTS
TRAP
I
F37
MCU_SPI0_CS0
PADCFG:
WKUP_PADCONFIG_43
0x4301C0AC
MCU_SPI0_CS0
0
IO
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV0_M
CU
Yes
LVCMOS
Yes
MCU_TIMER_IO1
4
IO
WKUP_GPIO0_70
7
IO
H36
MCU_SPI0_D0
PADCFG:
WKUP_PADCONFIG_41
0x4301C0A4
MCU_SPI0_D0
0
IO
1.8 V/3.3 V
On / Off / Off
On / Off / Off
7
PU/PD
VDDSHV0_M
CU
Yes
LVCMOS
Yes
WKUP_GPIO0_55
7
IO
MCU_BOOTMODE01
BOOTS
TRAP
I
J38
MCU_SPI0_D1
PADCFG:
WKUP_PADCONFIG_42
0x4301C0A8
MCU_SPI0_D1
0
IO
1.8 V/3.3 V
On / Off / Off
On / Off / Off
7
PU/PD
VDDSHV0_M
CU
Yes
LVCMOS
Yes
MCU_TIMER_IO0
4
IO
WKUP_GPIO0_69
7
IO
MCU_BOOTMODE02
BOOTS
TRAP
I
AJ7
MMC0_CALPAD
MMC0_CALPAD
A
1.8 V
PU/PD
VDDS_MMC0
eMMCPHY
No
AK5
MMC0_CLK
MMC0_CLK
O
1.8 V
PU/PD
VDDS_MMC0
eMMCPHY
No
AL8
MMC0_CMD
MMC0_CMD
IO
1.8 V
PU/PD
VDDS_MMC0
eMMCPHY
No
AK4
MMC0_DS
MMC0_DS
IO
1.8 V
PU/PD
VDDS_MMC0
eMMCPHY
No
AB38
MMC1_CLK
PADCFG:
PADCONFIG_65
0x0011C104
MMC1_CLK
0
IO
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV5
Yes
SDIO
No
UART8_RXD
1
I
TIMER_IO6
3
IO
EHRPWM2_B
4
IO
UART4_CTSn
5
I
EHRPWM5_A
6
IO
GPIO0_64
7
IO
SPI1_CLK
8
IO
UART0_RTSn
9
O
I2C6_SDA
10
IOD
MCAN15_TX
11
O
PCIE2_CLKREQn
12
IO
AM69A
SPRSP92 – FEBRUARY 2023
www.ti.com
54
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM69A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com