Electronic Components Datasheet Search
  English  ▼

X  

AM69AX Datasheet(PDF) 84 Page - Texas Instruments

Part # AM69AX
Description  AM69Ax Processors, Silicon Revision 1.0
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69AX Datasheet(HTML) 84 Page - Texas Instruments

Back Button AM69AX Datasheet HTML 80Page - Texas Instruments AM69AX Datasheet HTML 81Page - Texas Instruments AM69AX Datasheet HTML 82Page - Texas Instruments AM69AX Datasheet HTML 83Page - Texas Instruments AM69AX Datasheet HTML 84Page - Texas Instruments AM69AX Datasheet HTML 85Page - Texas Instruments AM69AX Datasheet HTML 86Page - Texas Instruments AM69AX Datasheet HTML 87Page - Texas Instruments AM69AX Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 299 page
background image
Table 6-1. Pin Attributes (ALY Package) (continued)
Ball
Num [1]
Ball
Name [2]
PADCFG Register [15]
PADCFG Address [16]
Signal
Name [3]
Mux
Mode
[4]
Signal
Type [5]
I/O
Voltage [6]
Ball State
DURING
Reset
(RX/TX/PULL)
[7]
Ball State
AFTER
Reset
(RX/TX/PULL)
[8]
Mux
Mode
AFTER
Reset [9]
Pull
Type
[10]
Power [11]
Hys
[12]
Voltage
Buffer
Type [13]
IO
RET [14]
M33
WKUP_GPIO0_49
PADCFG:
WKUP_PADCONFIG_100
0x4301C190
PMIC_WAKE1n
0
O
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV0_M
CU
Yes
LVCMOS
No
MCU_EXT_REFCLK0
1
I
MCU_CPTS0_RFT_CLK
2
I
WKUP_GPIO0_49
7
IO
M37
WKUP_GPIO0_56
PADCFG:
WKUP_PADCONFIG_72
0x4301C120
MCU_TIMER_IO6
4
IO
1.8 V/3.3 V
On / Off / Off
On / Off / Off
7
PU/PD
VDDSHV0_M
CU
Yes
LVCMOS
No
WKUP_GPIO0_56
7
IO
BOOTMODE04
BOOTS
TRAP
I
M36
WKUP_GPIO0_57
PADCFG:
WKUP_PADCONFIG_95
0x4301C17C
MCU_TIMER_IO7
4
IO
1.8 V/3.3 V
On / Off / Off
On / Off / Off
7
PU/PD
VDDSHV0_M
CU
Yes
LVCMOS
No
WKUP_GPIO0_57
7
IO
BOOTMODE05
BOOTS
TRAP
I
N34
WKUP_GPIO0_66
PADCFG:
WKUP_PADCONFIG_96
0x4301C180
WKUP_GPIO0_66
7
IO
1.8 V/3.3 V
On / Off / Off
On / Off / Off
7
PU/PD
VDDSHV0_M
CU
Yes
LVCMOS
Yes
BOOTMODE06
BOOTS
TRAP
I
M34
WKUP_GPIO0_67
PADCFG:
WKUP_PADCONFIG_97
0x4301C184
WKUP_LF_CLKIN
1
I
1.8 V/3.3 V
On / Off / Off
On / Off / Off
7
PU/PD
VDDSHV0_M
CU
Yes
LVCMOS
Yes
WKUP_GPIO0_67
7
IO
BOOTMODE07
BOOTS
TRAP
I
N33
WKUP_I2C0_SCL
PADCFG:
WKUP_PADCONFIG_64
0x4301C100
WKUP_I2C0_SCL
0
IOD
1.8 V/3.3 V
Off / Off / Off
On / SS / Off
0
VDDSHV0_M
CU
Yes
I2C OPEN
DRAIN
Yes
WKUP_GPIO0_63
7
IO
N35
WKUP_I2C0_SDA
PADCFG:
WKUP_PADCONFIG_65
0x4301C104
WKUP_I2C0_SDA
0
IOD
1.8 V/3.3 V
Off / Off / Off
On / SS / Off
0
VDDSHV0_M
CU
Yes
I2C OPEN
DRAIN
Yes
WKUP_GPIO0_64
7
IO
T38
WKUP_OSC0_XI
WKUP_OSC0_XI
I
1.8 V
VDDA_WKUP
Yes
HFXOSC
No
U37
WKUP_OSC0_XO
WKUP_OSC0_XO
O
1.8 V
VDDA_WKUP
Yes
HFXOSC
No
K35
WKUP_UART0_RXD
PADCFG:
WKUP_PADCONFIG_44
0x4301C0B0
WKUP_UART0_RXD
0
I
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV0_M
CU
Yes
LVCMOS
Yes
WKUP_GPIO0_58
7
IO
K34
WKUP_UART0_TXD
PADCFG:
WKUP_PADCONFIG_45
0x4301C0B4
WKUP_UART0_TXD
0
O
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV0_M
CU
Yes
LVCMOS
Yes
WKUP_GPIO0_59
7
IO
AM69A
SPRSP92 – FEBRUARY 2023
www.ti.com
84
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM69A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com