Electronic Components Datasheet Search
  English  ▼

X  

AM69AX Datasheet(PDF) 70 Page - Texas Instruments

Part # AM69AX
Description  AM69Ax Processors, Silicon Revision 1.0
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69AX Datasheet(HTML) 70 Page - Texas Instruments

Back Button AM69AX Datasheet HTML 66Page - Texas Instruments AM69AX Datasheet HTML 67Page - Texas Instruments AM69AX Datasheet HTML 68Page - Texas Instruments AM69AX Datasheet HTML 69Page - Texas Instruments AM69AX Datasheet HTML 70Page - Texas Instruments AM69AX Datasheet HTML 71Page - Texas Instruments AM69AX Datasheet HTML 72Page - Texas Instruments AM69AX Datasheet HTML 73Page - Texas Instruments AM69AX Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 299 page
background image
Table 6-1. Pin Attributes (ALY Package) (continued)
Ball
Num [1]
Ball
Name [2]
PADCFG Register [15]
PADCFG Address [16]
Signal
Name [3]
Mux
Mode
[4]
Signal
Type [5]
I/O
Voltage [6]
Ball State
DURING
Reset
(RX/TX/PULL)
[7]
Ball State
AFTER
Reset
(RX/TX/PULL)
[8]
Mux
Mode
AFTER
Reset [9]
Pull
Type
[10]
Power [11]
Hys
[12]
Voltage
Buffer
Type [13]
IO
RET [14]
AR38
TIMER_IO0
PADCFG:
PADCONFIG_58
0x0011C0E8
TIMER_IO0
0
IO
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV0
Yes
LVCMOS
No
ECAP1_IN_APWM_OUT
1
IO
SYSCLKOUT0
2
O
UART3_RXD
5
I
PCIE1_CLKREQn
6
IO
GPIO0_58
7
IO
MMC1_SDCD
8
I
MCAN13_TX
9
O
I2C6_SDA
13
IOD
AN37
TIMER_IO1
PADCFG:
PADCONFIG_59
0x0011C0EC
TIMER_IO1
0
IO
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV0
Yes
LVCMOS
No
ECAP2_IN_APWM_OUT
1
IO
OBSCLK0
2
O
UART3_TXD
5
O
USB0_DRVVBUS
6
O
GPIO0_59
7
IO
MMC1_SDWP
8
I
MCAN13_RX
9
I
I2C6_SCL
13
IOD
OBSCLK0
15
O
AL36
TMS
PADCFG:
PADCONFIG_71
0x0011C11C
TMS
0
I
1.8 V/3.3 V
On / Off / Up
On / Off / Up
0
PU/PD
VDDSHV0
Yes
LVCMOS
No
G37
TRSTn
PADCFG:
WKUP_PADCONFIG_74
0x4301C128
TRSTn
0
I
1.8 V/3.3 V
On / NA / Down
On / Off / Down
0
PU/PD
VDDSHV0_M
CU
Yes
LVCMOS
No
AM7
UFS0_REF_CLK
UFS0_REF_CLK
0
I
1.2 V
VDDA_1p8_U
FS /
VDDA_0P8_U
FS
M-PHY
UFS0_REF_CLK
16
I
AM8
UFS0_RSTn
UFS0_RSTn
0
I
1.2 V
VDDA_1p8_U
FS /
VDDA_0P8_U
FS
M-PHY
UFS0_RSTn
16
I
AM4
UFS0_RX_DN0
UFS0_RX_DN0
0
I
1.8 V
VDDA_1p8_U
FS /
VDDA_0P8_U
FS
M-PHY
UFS0_RX_DN0
16
I
AM1
UFS0_RX_DN1
UFS0_RX_DN1
0
I
1.8 V
VDDA_1p8_U
FS /
VDDA_0P8_U
FS
M-PHY
UFS0_RX_DN1
16
I
AM69A
SPRSP92 – FEBRUARY 2023
www.ti.com
70
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM69A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com