Electronic Components Datasheet Search
  English  ▼

X  

AM69AX Datasheet(PDF) 47 Page - Texas Instruments

Part # AM69AX
Description  AM69Ax Processors, Silicon Revision 1.0
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69AX Datasheet(HTML) 47 Page - Texas Instruments

Back Button AM69AX Datasheet HTML 43Page - Texas Instruments AM69AX Datasheet HTML 44Page - Texas Instruments AM69AX Datasheet HTML 45Page - Texas Instruments AM69AX Datasheet HTML 46Page - Texas Instruments AM69AX Datasheet HTML 47Page - Texas Instruments AM69AX Datasheet HTML 48Page - Texas Instruments AM69AX Datasheet HTML 49Page - Texas Instruments AM69AX Datasheet HTML 50Page - Texas Instruments AM69AX Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 299 page
background image
Table 6-1. Pin Attributes (ALY Package) (continued)
Ball
Num [1]
Ball
Name [2]
PADCFG Register [15]
PADCFG Address [16]
Signal
Name [3]
Mux
Mode
[4]
Signal
Type [5]
I/O
Voltage [6]
Ball State
DURING
Reset
(RX/TX/PULL)
[7]
Ball State
AFTER
Reset
(RX/TX/PULL)
[8]
Mux
Mode
AFTER
Reset [9]
Pull
Type
[10]
Power [11]
Hys
[12]
Voltage
Buffer
Type [13]
IO
RET [14]
AC36
MCASP2_AXR0
PADCFG:
PADCONFIG_23
0x0011C05C
MCAN9_RX
0
I
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV2
Yes
LVCMOS
Yes
MCASP2_AXR0
1
IO
VOUT0_DATA6
2
O
HYP0_RXPMCLK
3
I
MDIO1_MDIO
4
IO
GPMC0_AD12
6
IO
GPIO0_23
7
IO
EQEP2_I
9
IO
TRC_DATA15
10
O
UART1_CTSn
11
I
UART6_RXD
12
I
AE36
MCASP2_AXR1
PADCFG:
PADCONFIG_24
0x0011C060
MCAN17_RX
0
I
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV2
Yes
LVCMOS
Yes
MCASP2_AXR1
1
IO
VOUT0_DATA5
2
O
HYP0_RXPMDAT
3
I
GPMC0_AD13
6
IO
GPIO0_24
7
IO
EHRPWM1_A
9
IO
TRC_DATA13
10
O
UART1_RTSn
11
O
UART6_TXD
12
O
I2C3_SDA
13
IOD
U35
MCU_ADC0_REFN
MCU_ADC0_REFN
A
1.8 V
VDDA_ADC0
ADC12B
No
R35
MCU_ADC0_REFP
MCU_ADC0_REFP
A
1.8 V
VDDA_ADC0
ADC12B
No
W35
MCU_ADC1_REFN
MCU_ADC1_REFN
A
1.8 V
VDDA_ADC1
ADC12B
No
AA35
MCU_ADC1_REFP
MCU_ADC1_REFP
A
1.8 V
VDDA_ADC1
ADC12B
No
P36
MCU_ADC0_AIN0
PADCFG:
WKUP_PADCONFIG_77
0x4301C134
MCU_ADC0_AIN0
0
A
1.8 V
0
VDDA_ADC0
ADC12B
No
WKUP_GPIO0_71
7
I
V36
MCU_ADC0_AIN1
PADCFG:
WKUP_PADCONFIG_78
0x4301C138
MCU_ADC0_AIN1
0
A
1.8 V
0
VDDA_ADC0
ADC12B
No
WKUP_GPIO0_72
7
I
T34
MCU_ADC0_AIN2
PADCFG:
WKUP_PADCONFIG_79
0x4301C13C
MCU_ADC0_AIN2
0
A
1.8 V
0
VDDA_ADC0
ADC12B
No
WKUP_GPIO0_73
7
I
www.ti.com
AM69A
SPRSP92 – FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
47
Product Folder Links: AM69A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com