Electronic Components Datasheet Search
  English  ▼

X  

AM69AX Datasheet(PDF) 101 Page - Texas Instruments

Part # AM69AX
Description  AM69Ax Processors, Silicon Revision 1.0
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69AX Datasheet(HTML) 101 Page - Texas Instruments

Back Button AM69AX Datasheet HTML 97Page - Texas Instruments AM69AX Datasheet HTML 98Page - Texas Instruments AM69AX Datasheet HTML 99Page - Texas Instruments AM69AX Datasheet HTML 100Page - Texas Instruments AM69AX Datasheet HTML 101Page - Texas Instruments AM69AX Datasheet HTML 102Page - Texas Instruments AM69AX Datasheet HTML 103Page - Texas Instruments AM69AX Datasheet HTML 104Page - Texas Instruments AM69AX Datasheet HTML 105Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 299 page
background image
Table 6-49. MCU_MCSPI0 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
MCU_SPI0_D1
IO
SPI Data 1
J38
Table 6-50. MCU_MCSPI1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
MCU_SPI1_CLK
IO
SPI Clock
H38
MCU_SPI1_CS0
IO
SPI Chip Select 0
J36
MCU_SPI1_CS1
IO
SPI Chip Select 1
D31, K38
MCU_SPI1_CS2
IO
SPI Chip Select 2
G31, K37
MCU_SPI1_CS3
IO
SPI Chip Select 3
K36
MCU_SPI1_D0
IO
SPI Data 0
J34
MCU_SPI1_D1
IO
SPI Data 1
J35
6.3.8 UART
6.3.8.1 MAIN Domain
Table 6-51. UART0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
UART0_CTSn
I
UART Clear to Send (active low)
AC32, AC38
UART0_DCDn
I
UART Data Carrier Detect (active low)
AJ33
UART0_DSRn
I
UART Data Set Ready (active low)
AF33
UART0_DTRn
O
UART Data Terminal Ready (active low)
AH33
UART0_RIn
I
UART Ring Indicator
AG33
UART0_RTSn
O
UART Request to Send (active low)
AB38, AC37, AP38
UART0_RXD
I
UART Receive Data
AD33
UART0_TXD
O
UART Transmit Data
AD38
Table 6-52. UART1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
UART1_CTSn
I
UART Clear to Send (active low)
AC36, AN38
UART1_RTSn
O
UART Request to Send (active low)
AE36, AM35
UART1_RXD
I
UART Receive Data
AD37
UART1_TXD
O
UART Transmit Data
AE37
Table 6-53. UART2 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
UART2_CTSn
I
UART Clear to Send (active low)
AD36
UART2_RTSn
O
UART Request to Send (active low)
AJ32
UART2_RXD
I
UART Receive Data
AB34, AF38, AM35
UART2_TXD
O
UART Transmit Data
AA33, AE38, AM36
Table 6-54. UART3 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
UART3_CTSn
I
UART Clear to Send (active low)
AJ38
UART3_RTSn
O
UART Request to Send (active low)
AH38
UART3_RXD
I
UART Receive Data
AC33, AD36, AR38
UART3_TXD
O
UART Transmit Data
AH37, AJ32, AN37
www.ti.com
AM69A
SPRSP92 – FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
101
Product Folder Links: AM69A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com