Electronic Components Datasheet Search
  English  ▼

X  

AM69AX Datasheet(PDF) 118 Page - Texas Instruments

Part # AM69AX
Description  AM69Ax Processors, Silicon Revision 1.0
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69AX Datasheet(HTML) 118 Page - Texas Instruments

Back Button AM69AX Datasheet HTML 114Page - Texas Instruments AM69AX Datasheet HTML 115Page - Texas Instruments AM69AX Datasheet HTML 116Page - Texas Instruments AM69AX Datasheet HTML 117Page - Texas Instruments AM69AX Datasheet HTML 118Page - Texas Instruments AM69AX Datasheet HTML 119Page - Texas Instruments AM69AX Datasheet HTML 120Page - Texas Instruments AM69AX Datasheet HTML 121Page - Texas Instruments AM69AX Datasheet HTML 122Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 299 page
background image
Table 6-108. GPMC0 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
GPMC0_OEn_REn
O
GPMC Output Enable (active low) or Read Enable
(active low)
AK34
GPMC0_WEn
O
GPMC Write Enable (active low)
AJ34
GPMC0_WPn
O
GPMC Flash Write Protect (active low)
AK33
GPMC0_A0
OZ
GPMC Address 0 Output. Only used to effectively
address 8-bit data non-multiplexed memories
AE35
GPMC0_A1
OZ
GPMC Address 1 Output in A/D non-multiplexed mode
and Address 17 in A/D multiplexed mode
AC35
GPMC0_A2
OZ
GPMC Address 2 Output in A/D non-multiplexed mode
and Address 18 in A/D multiplexed mode
AG35
GPMC0_A3
OZ
GPMC Address 3 Output in A/D non-multiplexed mode
and Address 19 in A/D multiplexed mode
AH36
GPMC0_A4
OZ
GPMC Address 4 Output in A/D non-multiplexed mode
and Address 20 in A/D multiplexed mode
AF35
GPMC0_A5
OZ
GPMC Address 5 Output in A/D non-multiplexed mode
and Address 21 in A/D multiplexed mode
AD34
GPMC0_A6
OZ
GPMC Address 6 Output in A/D non-multiplexed mode
and Address 22 in A/D multiplexed mode
AJ36
GPMC0_A7
OZ
GPMC Address 7 Output in A/D non-multiplexed mode
and Address 23 in A/D multiplexed mode
AF34
GPMC0_A8
OZ
GPMC Address 8 Output in A/D non-multiplexed mode
and Address 24 in A/D multiplexed mode
AE34
GPMC0_A9
OZ
GPMC Address 9 Output in A/D non-multiplexed mode
and Address 25 in A/D multiplexed mode
AL33
GPMC0_A10
OZ
GPMC Address 10 Output in A/D non-multiplexed
mode and Address 26 in A/D multiplexed mode
AL34
GPMC0_A11
OZ
GPMC Address 11 Output in A/D non-multiplexed
mode and unused in A/D multiplexed mode
AC34
GPMC0_A12
OZ
GPMC Address 12 Output in A/D non-multiplexed
mode and unused in A/D multiplexed mode
AD33
GPMC0_A13
OZ
GPMC Address 13 Output in A/D non-multiplexed
mode and unused in A/D multiplexed mode
AD38
GPMC0_A14
OZ
GPMC Address 14 Output in A/D non-multiplexed
mode and unused in A/D multiplexed mode
AE35, AL32
GPMC0_A15
OZ
GPMC Address 15 Output in A/D non-multiplexed
mode and unused in A/D multiplexed mode
AE33
GPMC0_A16
OZ
GPMC Address 16 Output in A/D non-multiplexed
mode and unused in A/D multiplexed mode
AH34
GPMC0_A17
OZ
GPMC Address 17 Output in A/D non-multiplexed
mode and unused in A/D multiplexed mode
AJ35
GPMC0_A18
OZ
GPMC Address 18 Output in A/D non-multiplexed
mode and unused in A/D multiplexed mode
AG34
GPMC0_A19
OZ
GPMC Address 19 Output in A/D non-multiplexed
mode and unused in A/D multiplexed mode
AK36
GPMC0_A20
OZ
GPMC Address 20 Output in A/D non-multiplexed
mode and unused in A/D multiplexed mode
AG33
GPMC0_A21
OZ
GPMC Address 21 Output in A/D non-multiplexed
mode and unused in A/D multiplexed mode
AH33
GPMC0_A22
OZ
GPMC Address 22 Output in A/D non-multiplexed
mode and unused in A/D multiplexed mode
AF33
GPMC0_A23
OZ
GPMC Address 23 Output in A/D non-multiplexed
mode and unused in A/D multiplexed mode
AJ33
AM69A
SPRSP92 – FEBRUARY 2023
www.ti.com
118
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM69A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com