Electronic Components Datasheet Search
  English  ▼

X  

AM69AX Datasheet(PDF) 141 Page - Texas Instruments

Part # AM69AX
Description  AM69Ax Processors, Silicon Revision 1.0
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69AX Datasheet(HTML) 141 Page - Texas Instruments

Back Button AM69AX Datasheet HTML 137Page - Texas Instruments AM69AX Datasheet HTML 138Page - Texas Instruments AM69AX Datasheet HTML 139Page - Texas Instruments AM69AX Datasheet HTML 140Page - Texas Instruments AM69AX Datasheet HTML 141Page - Texas Instruments AM69AX Datasheet HTML 142Page - Texas Instruments AM69AX Datasheet HTML 143Page - Texas Instruments AM69AX Datasheet HTML 144Page - Texas Instruments AM69AX Datasheet HTML 145Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 299 page
background image
Over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
SRI
Input Slew Rate
5E +8
V/s
(1)
VDDSHV stands for corresponding power supply (vddshv8). For more information on the power supply name and the corresponding
ball, see the Pin Attributes, POWER column..
7.6.5 SDIO Electrical Characteristics
Over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
1.8-V MODE
VIL
Input low-level threshold
0.58
V
VILSS
Input low-level threshold steady state
0.58
V
VIH
Input high-level threshold
1.27
V
VIHSS
Input high-level threshold steady state
1.7
V
VHYS
Input Hysteresis Voltage
150
mV
IIN
Input Leakage Current
VI = 1.8 V or 0 V
±10
µA
RPU
Pull-up Resistor
40
50
60
kΩ
RPD
Pull-down Resistor
40
50
60
kΩ
VOL
Output low-level voltage
0.45
V
VOH
Output high-level voltage
VDDSHV-
0.45(1)
V
IOL
Low Level Output Current
VOL(MAX)
4
mA
IOH
High Level Output Current
VOH(MAX)
4
mA
3.3-V Mode
VIL
Input low-level threshold
0.25 ×
VDDSHV(1)
V
VILSS
Input low-level threshold steady state
0.15 ×
VDDSHV(1)
V
VIH
Input high-level threshold
0.625 ×
VDDSHV(1)
V
VIHSS
Input high-level threshold steady state
0.625 ×
VDDSHV(1)
V
VHYS
Input Hysteresis Voltage
150
mV
IIN
Input Leakage Current
VI = 1.8 V or 0 V
±10
µA
RPU
Pull-up Resistor
40
50
60
kΩ
RPD
Pull-down Resistor
40
50
60
kΩ
VOL
Output low-level voltage
0.125 ×
VDDSHV(1)
V
VOH
Output high-level voltage
0.75 ×
VDDSHV(1)
V
IOL
Low Level Output Current
VOL(MAX)
6
mA
IOH
High Level Output Current
VOH(MAX)
10
mA
(1)
VDDSHV stands for corresponding power supply (vddshv8). For more information on the power supply name and the corresponding
ball, see the Pin Attributes , POWER column.
7.6.6 CSI2/DSI D-PHY Electrical Characteristics
Over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
NOM
MAX
UNIT
Low-Power Receiver (LP-RX)
VIH
Input high-level threshold
740
mV
VIL
Input low-level threshold
550
mV
www.ti.com
AM69A
SPRSP92 – FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
141
Product Folder Links: AM69A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com