Electronic Components Datasheet Search
  English  ▼

X  

AM69AX Datasheet(PDF) 163 Page - Texas Instruments

Part # AM69AX
Description  AM69Ax Processors, Silicon Revision 1.0
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69AX Datasheet(HTML) 163 Page - Texas Instruments

Back Button AM69AX Datasheet HTML 159Page - Texas Instruments AM69AX Datasheet HTML 160Page - Texas Instruments AM69AX Datasheet HTML 161Page - Texas Instruments AM69AX Datasheet HTML 162Page - Texas Instruments AM69AX Datasheet HTML 163Page - Texas Instruments AM69AX Datasheet HTML 164Page - Texas Instruments AM69AX Datasheet HTML 165Page - Texas Instruments AM69AX Datasheet HTML 166Page - Texas Instruments AM69AX Datasheet HTML 167Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 299 page
background image
7.10.3 System Timing
For more details about features and additional description information on the subsystem multiplexing signals,
see the corresponding sections within Signal Descriptions and Detailed Description.
Table 7-5. System Timing Conditions
PARAMETER
MIN
MAX UNIT
INPUT CONDITIONS
SRI
Input slew rate
0.5
2
V/ns
OUTPUT CONDITIONS
CL
Output load capacitance
3
30
pF
7.10.3.1 Reset Timing
The tables and figures provided in this section define the timing requirements and switching characteristics for
reset related signals.
Table 7-6. MCU_PORz Timing Requirements
see Figure 7-10
NO.
MIN
TYP
MAX UNIT
RST1
th(MCUD_SUPPLIES_VALID - MCU_PORz)
Hold time, MCU_PORz active (low) at Power-
up after all MCU DOMAIN supplies valid (using
external crystal)
N +
1200(2)
9500000
ns
RST2
Hold time, MCU_PORz active (low) at Power-
up after all MCU DOMAIN supplies(1) valid and
external clock stable (using external LVCMOS
oscillator)
1200
ns
RST3 tw(MCU_PORzL)
Pulse Width minimum, MCU_PORz low after
Power-up (without removal of Power or system
reference clock MCU_OSC0_XI/XO)
1200
ns
(1)
For the definition of the MCU DOMAIN supplies, see the Section 7.10.2.2, Combined MCU and Main Domains Poewr-Up Sequencing.
(2)
N = oscillator start-up time
MCU_PORz
RST1
RST3
MCU_OSC0_XI,
MCU_OSC0_XO
RST2
MCU DOMAIN
SUPPLIES VALID
Figure 7-10. MCU_PORz Timing Requirements
www.ti.com
AM69A
SPRSP92 – FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
163
Product Folder Links: AM69A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com