Electronic Components Datasheet Search
  English  ▼

X  

AM69AX Datasheet(PDF) 186 Page - Texas Instruments

Part # AM69AX
Description  AM69Ax Processors, Silicon Revision 1.0
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69AX Datasheet(HTML) 186 Page - Texas Instruments

Back Button AM69AX Datasheet HTML 182Page - Texas Instruments AM69AX Datasheet HTML 183Page - Texas Instruments AM69AX Datasheet HTML 184Page - Texas Instruments AM69AX Datasheet HTML 185Page - Texas Instruments AM69AX Datasheet HTML 186Page - Texas Instruments AM69AX Datasheet HTML 187Page - Texas Instruments AM69AX Datasheet HTML 188Page - Texas Instruments AM69AX Datasheet HTML 189Page - Texas Instruments AM69AX Datasheet HTML 190Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 299 page
background image
7.10.5.2 CPSW2G
For more details about features and additional description information on the device Gigabit Ethernet MAC, see
the corresponding sections within Signal Descriptions and Detailed Description.
7.10.5.2.1 CPSW2G MDIO Interface Timings
Table 7-26 represents CPSW2G timing conditions.
Table 7-26. CPSW2G MDIO Timing Conditions
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input signal slew rate
0.9
3.6
V/ns
OUTPUT CONDITIONS
CL
Output load capacitance
10
470
pF
Table 7-27, Table 7-28, and Figure 7-35 present timing requirements for MDIO.
Table 7-27. CPSW2G MDIO Timing Requirements
NO.
MIN
MAX
UNIT
MDIO1 tsu(mdioV-mdcH)
Setup time, MDIO[x]_MDIO valid before MDIO[x]_MDC high
90
ns
MDIO2 th(mdcH-mdioV)
Hold time, MDIO[x]_MDIO valid after MDIO[x]_MDC high
0
ns
Table 7-28. CPSW2G MDIO Switching Characteristics
NO.
PARAMETER
MIN
MAX
UNIT
MDIO3 tc(mdc)
Cycle time, MDIO[x]_MDC
400
ns
MDIO4 tw(mdcH)
Pulse Duration, MDIO[x]_MDC high
160
ns
MDIO5 tw(mdcL)
Pulse Duration, MDIO[x]_MDC low
160
ns
MDIO7 td(mdcL-mdioV)
Delay time, MDIO[x]_MDC low to MDIO[x]_MDIO valid
–150
150
ns
MDIO3
MDIO1
MDIO2
MDIO7
MDIO4
MDIO5
MDIO[x]_MDC
MDIO[x]_MDIO
(input)
MDIO[x]_MDIO
(output)
CPSW2G_MDIO_TIMING_01
Figure 7-35. CPSW2G MDIO Timing Requirements and Switching Characteristics
Note
x = 0 in MCU domain
AM69A
SPRSP92 – FEBRUARY 2023
www.ti.com
186
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM69A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com