Electronic Components Datasheet Search
  English  ▼

X  

AM69AX Datasheet(PDF) 208 Page - Texas Instruments

Part # AM69AX
Description  AM69Ax Processors, Silicon Revision 1.0
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69AX Datasheet(HTML) 208 Page - Texas Instruments

Back Button AM69AX Datasheet HTML 204Page - Texas Instruments AM69AX Datasheet HTML 205Page - Texas Instruments AM69AX Datasheet HTML 206Page - Texas Instruments AM69AX Datasheet HTML 207Page - Texas Instruments AM69AX Datasheet HTML 208Page - Texas Instruments AM69AX Datasheet HTML 209Page - Texas Instruments AM69AX Datasheet HTML 210Page - Texas Instruments AM69AX Datasheet HTML 211Page - Texas Instruments AM69AX Datasheet HTML 212Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 299 page
background image
GPMC_CLK
GPMC_CSn[i]
GPMC_A[27:17]
GPMC_BE1n
BPMC_BE0n_CLE
GPMC_ADVn_ALE
GPMC_WEn
GPMC_WAIT[j]
Address (LSB)
D 0
D 1
D 2
D 3
F4
F15
F15
F15
F1
F1
F2
F6
F8
F8
F0
F3
F17
F17
F17
F9
F6
F17
F17
F17
F18
F20
F21
F21
GPMC_AD[15:0]
F14
GPMC_05
F22
F22
Address (MSB)
F14
A.
In GPMC_CSn[i], i is equal to 0, 1, 2 or 3.
B.
In GPMC_WAIT[j], j is equal to 0, 1, 2, or 3.
Figure 7-55. GPMC and Multiplexed NOR Flash — Synchronous Burst Write
7.10.5.10.2 GPMC and NOR Flash — Asynchronous Mode
Section 7.10.5.10.2.1 and Section 7.10.5.10.2.2 assume testing over the recommended operating conditions
and electrical characteristic conditions below (see Figure 7-56 through Figure 7-61).
7.10.5.10.2.1 GPMC and NOR Flash Timing Requirements – Asynchronous Mode
NO.
MODE(7)
MIN
MAX UNIT
FA5(1)
tacc(d)
Data access time
div_by_1_mode
; GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X
1
H(5)
ns
FA20(2) tacc1-pgmode(d)
Page mode successive data access time
div_by_1_mode
; GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X
1
P(4)
ns
FA21(3) tacc2-pgmode(d)
Page mode first data access time
div_by_1_mode
; GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X
1
H(5)
ns
(1)
The FA5 parameter illustrates the amount of time required to internally sample input data. It is expressed in number of GPMC
functional clock cycles. From start of read cycle and after FA5 functional clock cycles, input data is internally sampled by active
functional clock edge. FA5 value must be stored inside the AccessTime register bit field.
(2)
The FA20 parameter illustrates amount of time required to internally sample successive input page data. It is expressed in number of
GPMC functional clock cycles. After each access to input page data, next input page data is internally sampled by active functional
clock edge after FA20 functional clock cycles. The FA20 value must be stored in the PageBurstAccessTime register bit field.
AM69A
SPRSP92 – FEBRUARY 2023
www.ti.com
208
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM69A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com