Electronic Components Datasheet Search
  English  ▼

X  

AM69AX Datasheet(PDF) 250 Page - Texas Instruments

Part # AM69AX
Description  AM69Ax Processors, Silicon Revision 1.0
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69AX Datasheet(HTML) 250 Page - Texas Instruments

Back Button AM69AX Datasheet HTML 246Page - Texas Instruments AM69AX Datasheet HTML 247Page - Texas Instruments AM69AX Datasheet HTML 248Page - Texas Instruments AM69AX Datasheet HTML 249Page - Texas Instruments AM69AX Datasheet HTML 250Page - Texas Instruments AM69AX Datasheet HTML 251Page - Texas Instruments AM69AX Datasheet HTML 252Page - Texas Instruments AM69AX Datasheet HTML 253Page - Texas Instruments AM69AX Datasheet HTML 254Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 299 page
background image
7.10.5.17.2.7 UHS–I SDR104 Mode
Table 7-79, and Figure 7-95 present switching characteristics for MMC1/2 – UHS-I SDR104 Mode.
Table 7-79. MMC1/2 Switching Characteristics – UHS-I SDR104 Mode
see Figure 7-95
NO.
PARAMETER
MIN
MAX
UNIT
fop(clk)
Operating frequency, MMC[x]_CLK
200
MHz
SDR1045
tc(clk)
Cycle time, MMC[x]_CLK
5
ns
SDR1046
tw(clkH)
Pulse duration, MMC[x]_CLK high
2.12
ns
SDR1047
tw(clkL)
Pulse duration, MMC[x]_CLK low
2.12
ns
SDR1048
td(clkH-cmdV)
Delay time, MMC[x]_CLK rising edge to MMC[x]_CMD transition
1.07
3.21
ns
SDR1049
td(clkH-dV)
Delay time, MMC[x]_CLK rising edge to MMC[x]_DAT[3:0] transition
1.07
3.21
ns
A.
x = 1, 2 for MMC1 and MMC2
MMC[ ]_CLK
x
MMC
CMD
[ ]_
x
MMC
DAT
[ ]_
[3:0]
x
SDR1045
SDR1047
SDR1046
SDR1048
SDR1049
SDR1048
SDR1049
Figure 7-95. MMC1/2 – UHS-I SDR104 – Transmit Mode
7.10.5.18 CPTS
Table 7-80 represents CPTS timing conditions.
Table 7-80. CPTS Timing Conditions
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input slew rate
0.5
5
V/ns
OUTPUT CONDITIONS
CL
Output load capacitance
2
10
pF
Section 7.10.5.18.1, Section 7.10.5.18.2, Figure 7-96, and Figure 7-97 present timing requirements and
switching characteristics of the CPTS interface.
7.10.5.18.1 CPTS Timing Requirements
see Figure 7-96
NO.
MIN
MAX UNIT
T1
tw(HWnTSPUSHH)
Pulse duration, HWnTSPUSH(2) high
12P + 2(1)
ns
T2
tw(HWnTSPUSHL)
Pulse duration, HWnTSPUSH(2) low
12P + 2(1)
ns
T3
tc(RFT_CLK)
Cycle time, RFT_CLK
5
8
ns
T4
tw(RFT_CLKH)
Pulse duration, RFT_CLK high
0.45 * T(3)
ns
T5
tw(RFT_CLKL)
Pulse duration, RFT_CLK low
0.45 * T(3)
ns
(1)
P = functional clock period in ns.
(2)
In HWnTSPUSH, n = 1 to 2.
(3)
T = RFT_CLK period in ns.
AM69A
SPRSP92 – FEBRUARY 2023
www.ti.com
250
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM69A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com