Electronic Components Datasheet Search
  English  ▼

X  

AM69AX Datasheet(PDF) 255 Page - Texas Instruments

Part # AM69AX
Description  AM69Ax Processors, Silicon Revision 1.0
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69AX Datasheet(HTML) 255 Page - Texas Instruments

Back Button AM69AX Datasheet HTML 251Page - Texas Instruments AM69AX Datasheet HTML 252Page - Texas Instruments AM69AX Datasheet HTML 253Page - Texas Instruments AM69AX Datasheet HTML 254Page - Texas Instruments AM69AX Datasheet HTML 255Page - Texas Instruments AM69AX Datasheet HTML 256Page - Texas Instruments AM69AX Datasheet HTML 257Page - Texas Instruments AM69AX Datasheet HTML 258Page - Texas Instruments AM69AX Datasheet HTML 259Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 299 page
background image
Table 7-84. OSPI DLL Delay Mapping - DDR Timing Modes (continued)
MODE
OSPI_PHY_CONFIGURATION_REG
BIT FIELD
OSPI0
OSPI1
DELAY VALUE
1.8V, DQS
PHY_CONFIG_RX_DLL_DELAY_FLD
0x23
0x29
3.3V, DQS
PHY_CONFIG_RX_DLL_DELAY_FLD
0x47
0x42
All other modes
PHY_CONFIG_RX_DLL_DELAY_FLD
0x0
0x0
Table 7-85. OSPI Timing Requirements – DDR Mode
NO. PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
O15 tsu(D-LBCLK)
Setup time, D[i:0] valid before active LBCLK (DQS)
edge(1)
1.8V, External Board Loopback
0.52
ns
3.3V, External Board Loopback
1.97
ns
O16 th(LBCLK-D)
Hold time, D[i:0] valid after active LBCLK (DQS)
edge(1)
1.8V, External Board Loopback
1.24 (2)
ns
3.3V, External Board Loopback
1.44 (2)
ns
O17 tsu(D-DQS)
Setup time, DQS edge to D[i:0] transition(1)
1.8V, DQS
–0.46
ns
3.3V, DQS
–0.66
ns
O18 th(DQS-D)
Hold time, DQS edge to D[i:0] transition(1)
1.8V, DQS
3.59
ns
3.3V, DQS
8.89
ns
(1)
i in [i:0] = 7 for OSPI0, i in [i:0] = 3 for OSPI1
(2)
This Hold time requirement is larger than the Hold time provided by a typical flash device. Therefore, the trace length between the
SoC and flash device must be sufficiently long enough to ensure that the Hold time is met at the SoC. Refer to OSPI and QSPI Board
Design and Layout Guidelines for more details.
OSPI_DQS
O16
O15
OSPI_TIMING_04
OSPI_D[i:0]
Figure 7-100. OSPI Timing Requirements – DDR, External Loopback Clock and DQS
7.10.5.19.1.2.4 OSPI Switching Characteristics – DDR Mode
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
O1
tc(CLK)
Cycle time, CLK
1.8V
19
ns
3.3V
19
ns
O2
tw(CLKL)
Pulse duration, CLK low
0.475*P - 0.3
(2)
ns
O3
tw(CLKH)
Pulse duration, CLK high
0.475*P - 0.3
(2)
ns
O4
td(CLK-CSn)
Delay time, CSn active edge to CLK rising edge
1.8V
0.475 * P +
0.975 * M * R
- 7 (2) (3) (5)
0.525 * P +
1.025 * M * R
+ 1(2) (3) (5)
ns
3.3V
0.475 * P +
0.975 * M * R
- 7(2) (3) (5)
0.525 * P +
1.025 * M * R
+ 1(2) (3) (5)
ns
O5
td(CLK-CSn)
Delay time, CLK rising edge to CSn inactive
edge
1.8V
0.475 * P +
0.975 * N * R
- 7(2) (4) (5)
0.525 * P +
1.025 * N * R
+ 1 (2) (4) (5)
ns
3.3V, OSPI0 DDR TX;
3.3V, OSPI1 DDR TX
0.475 * P +
0.975 * N * R
- 7(2) (4) (5)
0.525 * P +
1.025 * N * R
+ 1 (2) (4) (5)
ns
www.ti.com
AM69A
SPRSP92 – FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
255
Product Folder Links: AM69A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com