Electronic Components Datasheet Search
  English  ▼

X  

AM69AX Datasheet(PDF) 282 Page - Texas Instruments

Part # AM69AX
Description  AM69Ax Processors, Silicon Revision 1.0
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69AX Datasheet(HTML) 282 Page - Texas Instruments

Back Button AM69AX Datasheet HTML 278Page - Texas Instruments AM69AX Datasheet HTML 279Page - Texas Instruments AM69AX Datasheet HTML 280Page - Texas Instruments AM69AX Datasheet HTML 281Page - Texas Instruments AM69AX Datasheet HTML 282Page - Texas Instruments AM69AX Datasheet HTML 283Page - Texas Instruments AM69AX Datasheet HTML 284Page - Texas Instruments AM69AX Datasheet HTML 285Page - Texas Instruments AM69AX Datasheet HTML 286Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 282 / 299 page
background image
11 Peripheral- and Interface-Specific Design Information
11.1 LPDDR4 Board Design and Layout Guidelines
The goal of the Jacinto 7 DDR Board Design and Layout Guidelines is to make the LPDDR4 system
implementation straightforward for all designers. Requirements have been distilled down to a set of layout and
routing rules that allow designers to successfully implement a robust design for the topologies that TI supports.
TI only supports board designs using LPDDR4 memories that follow the guidelines in this document.
11.2 OSPI and QSPI Board Design and Layout Guidelines
The following section details the routing guidelines that must be observed when routing the OSPI and QSPI
interfaces.
11.2.1 No Loopback and Internal Pad Loopback
• The MCU_OSPI[x]_CLK output signal must be connected to the CLK pin of the flash device
• The signal propagation delay from the MCU_OSPI[x]_CLK signal to the flash device must be < 450 ps (~7cm
as stripline or ~8cm as microstrip)
• 50 Ω PCB routing is recommended along with series terminations, as shown in Figure 11-1
• Propagation delays and matching:
– A to B < 450 ps
– Matching skew: < 60 ps
AM69A
SPRSP92 – FEBRUARY 2023
www.ti.com
282
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM69A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com