Electronic Components Datasheet Search
  English  ▼

X  

AM69AX Datasheet(PDF) 290 Page - Texas Instruments

Part # AM69AX
Description  AM69Ax Processors, Silicon Revision 1.0
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69AX Datasheet(HTML) 290 Page - Texas Instruments

Back Button AM69AX Datasheet HTML 286Page - Texas Instruments AM69AX Datasheet HTML 287Page - Texas Instruments AM69AX Datasheet HTML 288Page - Texas Instruments AM69AX Datasheet HTML 289Page - Texas Instruments AM69AX Datasheet HTML 290Page - Texas Instruments AM69AX Datasheet HTML 291Page - Texas Instruments AM69AX Datasheet HTML 292Page - Texas Instruments AM69AX Datasheet HTML 293Page - Texas Instruments AM69AX Datasheet HTML 294Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 299 page
background image
12.1.2 Device Naming Convention
Note
BLANK in the symbol or part number is collapsed so there are no gaps between characters.
Table 12-1. Nomenclature Description
FIELD
PARAMETER
FIELD
DESCRIPTION
VALUE
DESCRIPTION
a
Device evolution stage
X
Prototype
P
Preproduction (production test flow, no reliability data)
BLANK(1)
Production
BBBBBBB
Base production part number
AM69A92
See Device Comparison
AM69A72
r
Device revision
A
SR1.0
Z
Device Speed Grade
T
See Speed Grade Maximum Frequency.
OTHER
Alternate speed grade
f
Features
(see Device Comparison)
G
Base, no additional Features
Y
Functional Safety(3)
G
Non-Functional Safety
y
Security
G
Non-Secure
Other
Secure
t
Temperature(2)
A
–40°C to 105°C - Extended Industrial (see Recommended Operation
Conditions)
H
0°C to 95°C - Commercial (see Recommended Operation Conditions)
I
–40°C to 125°C - Automotive (see Recommended Operation Conditions)
PPP
Package Designator
ALY
FCBGA (1414-pin; 23 mm x 23 mm)
Q1
Automotive Designator
Q1
Auto Qualified (Q100)
BLANK(1)
Standard
xxxxxxx
Lot Trace Code (LTC)
YYY
Production Code, For TI use only
ZZZ
Production Code, For TI use only
O
Pin one designator
G1
ECAT - Green package designator
(1)
BLANK in the symbol or part number is collapsed so there are no gaps between characters.
(2)
Applies to device max junction temperature.
(3)
Functional Safety is not supported on this device family, if interested in this feature, please see the TDA4VH device family.
AM69A
SPRSP92 – FEBRUARY 2023
www.ti.com
290
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM69A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com