Electronic Components Datasheet Search
  English  ▼

X  

AM69AX Datasheet(PDF) 296 Page - Texas Instruments

Part # AM69AX
Description  AM69Ax Processors, Silicon Revision 1.0
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69AX Datasheet(HTML) 296 Page - Texas Instruments

Back Button AM69AX Datasheet HTML 291Page - Texas Instruments AM69AX Datasheet HTML 292Page - Texas Instruments AM69AX Datasheet HTML 293Page - Texas Instruments AM69AX Datasheet HTML 294Page - Texas Instruments AM69AX Datasheet HTML 295Page - Texas Instruments AM69AX Datasheet HTML 296Page - Texas Instruments AM69AX Datasheet HTML 297Page - Texas Instruments AM69AX Datasheet HTML 298Page - Texas Instruments AM69AX Datasheet HTML 299Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 296 / 299 page
background image
www.ti.com
PACKAGE OUTLINE
C
3.341
3.023
0.5
0.3
TYP
29.6
TYP
29.6 TYP
0.8 TYP
0.8 TYP
1414X
0.55
0.45
B
31.1
30.9
A
31.1
30.9
(0.7) TYP
(0.7) TYP
(
24.6)
(
22)
(
30.6)
(1.94)
(0.842)
FCBGA - 3.341 mm max height
ALY1414A
BALL GRID ARRAY
4228539/B 04/2022
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
BALL A1 CORNER
0.1 C
SEATING PLANE
0.15 C
0.2 C
1 2 3
0.25
C A B
0.1
C
PKG
PKG
4 5 6 7 8 9 10
11
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
Y
AA
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
AB
AC
AD
AE
AF
AG
AH
AJ
AK
AL
AM
AN
AP
AR
AT
AU
AV
SCALE 0.500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com