Electronic Components Datasheet Search
  English  ▼

X  

PMC21 Datasheet(PDF) 34 Page - Endress+Hauser Group Services AG

Part # PMC21
Description  Pressure transducer with ceramic and metal sensors
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

PMC21 Datasheet(HTML) 34 Page - Endress+Hauser Group Services AG

Back Button PMC21 Datasheet HTML 30Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 31Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 32Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 33Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 34Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 35Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 36Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 37Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 38Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
Cerabar PMC11, PMC21, PMP11, PMP21
34
Endress+Hauser
Process connections with
internal, ceramic process
isolating diaphragm
Thread DIN13
ø18 (0.71)
M20x1.5
ø17.5 (0.69)
ø6 (0.24)
ø3 (0.12)
41
A0022234
Engineering unit mm (in)
Device
Designation
Material
Weight
Option 1)
kg (lbs)
• PMC11
• PMC21
DIN 13 M20 x 1.5, EN 837, bore 3 mm (0.12 in)
316L
0.180 (0.40)
X4J
1)
Product Configurator, order code for "Process connection"
Process connections with
internal, ceramic process
isolating diaphragm
Thread JIS B0203
ø21.4 (0.84)
ø11.4 (0.45)
R ½"
ø17.3 (0.68)
41
A0022235
Engineering unit mm (in)
Device
Designation
Material
Weight
Option 1)
kg (lbs)
PMC21
JIS B0203 R 1/2 (male)
316L
0.180 (0.40)
ZJJ
1)
Product Configurator, order code for "Process connection"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com