Electronic Components Datasheet Search
  English  ▼

X  

PMC21 Datasheet(PDF) 1 Page - Endress+Hauser Group Services AG

Part # PMC21
Description  Pressure transducer with ceramic and metal sensors
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

PMC21 Datasheet(HTML) 1 Page - Endress+Hauser Group Services AG

  PMC21 Datasheet HTML 1Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 2Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 3Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 4Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 5Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 6Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 7Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 8Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 9Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
Pressure transducer with ceramic and metal
sensors
Application
The Cerabar is a pressure transducer for the measurement of absolute and gauge
pressure in gases, vapors, liquids and dust. The Cerabar can be used internationally
thanks to a wide range of approvals and process connections.
Your benefits
• High reproducibility and long-term stability
• Reference accuracy: up to 0.3%
• Customized measuring ranges
• Turn down up to 5:1
• Sensor for measuring ranges up to 400 bar (6000 psi)
• Housing and process isolating diaphragm made of 316L
Products
Solutions
Services
Technical Information
Cerabar PMC11, PMC21,
PMP11, PMP21
Process pressure measurement
TI01133P/00/EN/07.21
71521740
2021-03-31


Similar Part No. - PMC21

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
PMC20 ALPHAWIRE-PMC20 Datasheet
379Kb / 2P
ROHS CERTIFICATE OF COMPLIANCE
PMC20 ALPHAWIRE-PMC20_V01 Datasheet
379Kb / 2P
RoHS-Compliant Commencing With 1/1/2017 Production
logo
PADAUK Technology.
PMC232 PADAUK-PMC232 Datasheet
1Mb / 94P
12-bit ADC Enhanced
PMC232-D14 PADAUK-PMC232-D14 Datasheet
1Mb / 94P
12-bit ADC Enhanced
PMC232-D18 PADAUK-PMC232-D18 Datasheet
1Mb / 94P
12-bit ADC Enhanced
More results

Similar Description - PMC21

ManufacturerPart #DatasheetDescription
logo
EPCOS
B58610A0000A001 EPCOS-B58610A0000A001 Datasheet
219Kb / 8P
Pressure sensors Barometric pressure transducer for SMT
logo
Honeywell Solid State E...
MLH004BGB01B HONEYWELL-MLH004BGB01B Datasheet
192Kb / 4P
All Metal Pressure Sensors
MLH300PSB01B HONEYWELL-MLH300PSB01B Datasheet
192Kb / 4P
All Metal Pressure Sensors
MLH05KPSB01A HONEYWELL-MLH05KPSB01A Datasheet
192Kb / 4P
All Metal Pressure Sensors
MLH016BSB01B HONEYWELL-MLH016BSB01B Datasheet
192Kb / 4P
All Metal Pressure Sensors
logo
Honeywell Accelerometer...
MLH03KPSB01A HONEYWELL-ACC-MLH03KPSB01A Datasheet
192Kb / 4P
All Metal Pressure Sensors
MLH05KPSB06B HONEYWELL-ACC-MLH05KPSB06B Datasheet
192Kb / 4P
All Metal Pressure Sensors
MLH100BSL03B HONEYWELL-ACC-MLH100BSL03B Datasheet
192Kb / 4P
All Metal Pressure Sensors
logo
Cynergy3 Co
IPS CYNERGY3-IPS Datasheet
66Kb / 2P
Industrial Pressure Transducer - Ceramic
IPSU CYNERGY3-IPSU Datasheet
73Kb / 2P
Industrial Pressure Transducer - Ceramic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com