Electronic Components Datasheet Search
  English  ▼

X  

PMC21 Datasheet(PDF) 40 Page - Endress+Hauser Group Services AG

Part # PMC21
Description  Pressure transducer with ceramic and metal sensors
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

PMC21 Datasheet(HTML) 40 Page - Endress+Hauser Group Services AG

Back Button PMC21 Datasheet HTML 36Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 37Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 38Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 39Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 40Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 41Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 42Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 43Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 44Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
Cerabar PMC11, PMC21, PMP11, PMP21
40
Endress+Hauser
Materials not in contact with
process
Housing
5
2
4
3
1
3
A0025117
 
 
6
A0027299
8
9
7
A0027301
8
9
7
A0027300
Item number Component
Material
1
Valve plug
• Seal: NBR
• Plug: PA
• Screw: V2A
2
Cable
• Pressure screw: PVDF
• Seal: TPE-V
• Cable: PUR (UL 94 V0)
3
Design element
PBT/PC
4
Connection
PPSU
5
M12 plug
Plastic: PPSU
6
M12 plug
316L (1.4404)
For Ex ec: metal housing cap
7
Pressure compensation
element
PMP11: PBT/PC
PMP21 standard: PBT/PC
PMP21 with Ex ec approval: 316L (1.4404)
8
Housing
316L (1.4404)
9
Nameplates
Plastic foil (attached to housing) or directly lasered onto the
housing
Filling oil
Device
Filling oil
PMP11
PMP21
Synthetic oil polyalphaolefin FDA 21 CFR 178.3620, NSF H1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com