Electronic Components Datasheet Search
  English  ▼

X  

PMC21 Datasheet(PDF) 26 Page - Endress+Hauser Group Services AG

Part # PMC21
Description  Pressure transducer with ceramic and metal sensors
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

PMC21 Datasheet(HTML) 26 Page - Endress+Hauser Group Services AG

Back Button PMC21 Datasheet HTML 22Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 23Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 24Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 25Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 26Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 27Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 28Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 29Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 30Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
Cerabar PMC11, PMC21, PMP11, PMP21
26
Endress+Hauser
Environment
Ambient temperature range
Device
Ambient temperature range 1)
PMC11
PMP11
–40 to +70 °C (–40 to +158 °F)
PMC21
PMP21
–40 to +85 °C (–40 to +185 °F)
PMC21
PMP21
Devices for hazardous areas: –40 to +70 °C (–40 to +158 °F)
1)
Exception: the following cable is designed for an ambient temperature range of
–25 to +70 °C (–13 to +158 °F): Product Configurator order code for "Accessory enclosed" option "RZ".
Storage temperature range
–40 to +85 °C (–40 to +185 °F)
Climate class
Device
Climate class
Note
PMC11
PMP11
PMC21
PMP21
Class 3K5
Air temperature: –5 to +45 °C (+23 to +113 °F),
relative humidity: 4 to 95 %
satisfied according to IEC 721-3-3 (condensation not possible)
Degree of protection
Device
Connection
Degree of protection
Option 1)
PMC21
PMP21
Cable 5 m (16 ft)
IP66/68 2) NEMA type 4X/6P enclosure
A
PMC21
PMP21
Cable 10 m (33 ft)
IP66/68 2) NEMA type 4X/6P enclosure
B
PMC21
PMP21
Cable 25 m (82 ft)
IP66/68 2) NEMA type 4X/6P enclosure
C
PMC11
PMP11
M12 plug
IP65 NEMA type 4X enclosure
L
PMC21
PMP21
M12 plug
IP65/67 NEMA type 4X enclosure
M
PMC11
PMP11
PMC21
PMP21
Valve plug ISO4400 M16
IP65 NEMA type 4X enclosure
U
PMC11
PMP11
PMC21
PMP21
Valve plug ISO4400 NPT ½
IP65 NEMA type 4X enclosure
V
1)
Product Configurator, order code for "Electrical connection"
2)
IP 68 (1.83m H2O for 24 h)
Vibration resistance
Test standard
Vibration resistance
IEC 60068-2-64:2008
Guaranteed for 5 to 2000Hz: 0.05g2/Hz
Electromagnetic
compatibility
• Interference emission as per EN 61326-1 equipment B
• Interference immunity as per EN 61326-1 (industrial environment)
• NAMUR recommendation EMC (NE21)
• Maximum deviation: 1.5% with TD 1:1
For more details please refer to the Declaration of Conformity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com