Electronic Components Datasheet Search
  English  ▼

X  

PMC21 Datasheet(PDF) 24 Page - Endress+Hauser Group Services AG

Part # PMC21
Description  Pressure transducer with ceramic and metal sensors
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

PMC21 Datasheet(HTML) 24 Page - Endress+Hauser Group Services AG

Back Button PMC21 Datasheet HTML 20Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 21Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 22Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 23Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 24Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 25Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 26Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 27Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 28Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
Cerabar PMC11, PMC21, PMP11, PMP21
24
Endress+Hauser
1
2
3
A0024395
1
Device
2
Shutoff device
3
Siphon
Pressure measurement in liquids
Mount the device with a shutoff device at the same height as the tapping point.
1
2
A0024399
1
Device
2
Shutoff device
Level measurement
• Always install the device below the lowest measuring point.
• Do not install the device at the following positions:
• In the filling curtain
• In the tank outlet
• in the suction area of a pump
• Or at a point in the tank which could be affected by pressure pulses from the agitator.
A0024405
Mounting instructions for
oxygen applications
Oxygen and other gases can react explosively to oils, grease and plastics, such that, among other
things, the following precautions must be taken:
• All components of the system, such as measuring devices, must be cleaned in accordance with the
BAM requirements.
• Dependent on the materials used, a certain maximum temperature and a maximum pressure for
oxygen applications must not be exceeded.
• The following table lists devices (devices only, not accessories or enclosed accessories), which are
suitable for gaseous oxygen applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com