Electronic Components Datasheet Search
  English  ▼

X  

PMC21 Datasheet(PDF) 15 Page - Endress+Hauser Group Services AG

Part # PMC21
Description  Pressure transducer with ceramic and metal sensors
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

PMC21 Datasheet(HTML) 15 Page - Endress+Hauser Group Services AG

Back Button PMC21 Datasheet HTML 11Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 12Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 13Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 14Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 15Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 16Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 17Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 18Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 19Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 48 page
background image
Cerabar PMC11, PMC21, PMP11, PMP21
Endress+Hauser
15
Metal process isolating diaphragm
Sensor
Device Maximum
Sensor measuring range
Lowest
calibratable
span 1)
MWP
OPL
Factory settings 2)
Option 3)
lower (LRL) upper (URL)
[bar (psi)]
[bar (psi)]
[bar (psi)]
[bar (psi)]
[bar (psi)]
Devices for gauge pressure measurement
400 mbar (6 psi) 4)
PMP11
PMP21
–0.4 (–6)
+0.4 (+6)
0.4 (6)
1 (15)
1.6 (24)
0 to 400 mbar (0 to 6 psi)
1F
1 bar (15 psi) 4)
PMP11
PMP21
–1 (–15)
+1 (+15)
0.4 (6)
2.7 (40.5)
4 (60)
0 to 1 bar (0 to 15 psi)
1H
2 bar (30 psi) 4)
PMP11
PMP21
–1 (–15)
+2 (+30)
0.4 (6)
6.7 (100.5)
10 (150)
0 to 2 bar (0 to 30 psi)
1K
4 bar (60 psi) 4)
PMP11
PMP21
–1 (–15)
+4 (+60)
0.8 (12)
10.7 (160.5) 16 (240)
0 to 4 bar (0 to 60 psi)
1M
6 bar (90 psi) 4)
PMP11
PMP21
–1 (–15)
+6 (+90)
2.4 (36)
16 (240)
24 (360)
0 to 6 bar (0 to 90 psi)
1N
10 bar (150 psi) 4)
PMP11
PMP21
–1 (–15)
+10 (+150)
2 (30)
25 (375)
40 (600)
0 to 10 bar (0 to 150 psi)
1P
16 bar (240 psi) 4)
PMP11
PMP21
–1 (–15)
+16 (+240)
5 (75)
25 (375)
64 (960)
0 to 16 bar (0 to 240 psi)
1Q
25 bar (375 psi) 4)
PMP11
PMP21
–1 (–15)
+25 (+375)
5 (75)
25 (375)
100 (1500) 0 to 25 bar (0 to 375 psi)
1R
40 bar (600 psi) 4)
PMP11
PMP21
–1 (–15)
+40 (+600)
8 (120)
100 (1500)
160 (2400) 0 to 40 bar (0 to 600 psi)
1S
100 bar (1500 psi) 4) PMP21 –1 (–15)
+100 (+1500) 20 (300)
100 (1500)
160 (2400) 0 to 100 bar (0 to 1500 psi) 1U
400 bar (6000 psi) 4) PMP21 –1 (–15)
+400 (+6000) 80 (1200)
400 (6000)
600 (9000) 0 to 400 bar (0 to 6000 psi) 1W
Devices for absolute pressure measurement
400 mbar (6 psi) 4)
PMP21 0 (0)
0.4 (+6)
0.4 (6)
1 (15)
1.6 (24)
0 to 400 mbar (0 to 6 psi)
2F
1 bar (15 psi) 4)
PMP21 0 (0)
1 (+15)
0.4 (6)
2.7 (40.5)
4 (60)
0 to 1 bar (0 to 15 psi)
2H
2 bar (30 psi) 4)
PMP21 0 (0)
2 (+30)
0.4 (6)
6.7 (100.5)
10 (150)
0 to 2 bar (0 to 30 psi)
2K
4 bar (60 psi) 4)
PMP21 0 (0)
4 (+60)
0.8 (12)
10.7 (160.5) 16 (240)
0 to 4 bar (0 to 60 psi)
2M
10 bar (150 psi) 4)
PMP21 0 (0)
10 (+150)
2 (30)
25 (375)
40 (600)
0 to 10 bar (0 to 150 psi)
2P
40 bar (600 psi) 4)
PMP21 0 (0)
+40 (+600)
8 (120)
100 (1500)
160 (2400) 0 to 40 bar (0 to 600 psi)
2S
100 bar (1500 psi) 4) PMP21 0 (0)
+100 (+1500) 20 (300)
100 (1500)
160 (2400) 0 to 100 bar (0 to 1500 psi) 2U
400 bar (6000 psi) 4) PMP21 0 (0)
+400 (+6000) 80 (1200)
400 (6000)
600 (9000) 0 to 400 bar (0 to 6000 psi) 2W
1)
Highest turn down that can be set at the factory: 5:1. The turn down is preset and cannot be changed.
2)
Other measuring ranges (e.g. –1 to +5 bar (–15 to 75 psi)) can be ordered with customer-specific settings (see the Product Configurator, order
code for "Calibration; Unit" option "J"). It is possible to invert the output signal (LRV = 20 mA; URV = 4 mA). Prerequisite: URV < LRV
3)
Product Configurator, order code for "Sensor range"
4)
Vacuum resistance: 0.01 bar (0.145 psi) abs
Maximum turn down which can be ordered for absolute pressure and gauge pressure sensors
Device
Range
400 mbar (6 psi)
1 bar (15 psi)
6 bar (90 psi)
16 bar (240 psi)
2 bar (30 psi)
4 bar (60 psi)
10 bar (150 psi)
25 to 400 bar (375 to 6000 psi)
PMP11
0.5%
TD 1:1
TD 1:1 to TD 2.5:1
TD 1:1 to TD 5:1
PMP21
0.3%
TD 1:1
TD 1:1 to TD 2.5:1
TD 1:1 to TD 5:1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com