Electronic Components Datasheet Search
  English  ▼

X  

PMC21 Datasheet(PDF) 16 Page - Endress+Hauser Group Services AG

Part # PMC21
Description  Pressure transducer with ceramic and metal sensors
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

PMC21 Datasheet(HTML) 16 Page - Endress+Hauser Group Services AG

Back Button PMC21 Datasheet HTML 12Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 13Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 14Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 15Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 16Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 17Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 18Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 19Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 20Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
Cerabar PMC11, PMC21, PMP11, PMP21
16
Endress+Hauser
Output
Output signal
Designation
Option 1)
4 to 20 mA (2-wire)
1
PMC11: 0 to 10 V output (3-wire)
PMP11: 0 to 10 V output (3-wire)
2
1)
Product Configurator, order code for "Output"
Signal range 4 to 20 mA
3.8 mA to 20.5 mA
Load (for 4 to 20 mA
devices )
In order to guarantee sufficient terminal voltage in two-wire devices, a maximum load resistance RL
(including line resistance) must not be exceeded depending on the supply voltage UB of the supply
unit.
[ ]
W
30
20
10
1068
614
U
[V]
1
R Lmax
B
2
R Lmax £
-
U
6.5V
22mA
B
A0029452
1
Power supply 10 to 30 V DC
2
RLmax Maximum load resistance
UB Supply voltage
Load resistance (for 0 to 10 V
devices)
The load resistance must be ≥ 5 [kΩ].
Signal on alarm 4 to 20 mA
The response of the output to error is regulated in accordance with NAMUR NE43.
Factory setting MAX alarm: >21 mA
alarm current
Device
Description
Option
PMC21
PMP21
Adjusted min. alarm current
IA 1)
1)
Product Configurator order code for "Service"
Dead time, time constant
Presentation of the dead time and the time constant:
I
63 %
100 %
t
t
1
t
2
90 %
t
3
A0019786



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com