Electronic Components Datasheet Search
  English  ▼

X  

PMC21 Datasheet(PDF) 20 Page - Endress+Hauser Group Services AG

Part # PMC21
Description  Pressure transducer with ceramic and metal sensors
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

PMC21 Datasheet(HTML) 20 Page - Endress+Hauser Group Services AG

Back Button PMC21 Datasheet HTML 16Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 17Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 18Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 19Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 20Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 21Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 22Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 23Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 24Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
Cerabar PMC11, PMC21, PMP11, PMP21
20
Endress+Hauser
Performance characteristics of ceramic process isolating
diaphragm
Reference operating
conditions
• As per IEC 60770
• Ambient temperature TA = constant, in the range of:+21 to +33 °C (+70 to +91 °F)
• Humidity φ = constant, in the range of 5 to 80 % rH
• Ambient pressure pA = constant, in the range of:860 to 1060 mbar (12.47 to 15.37 psi)
• Position of measuring cell = constant, in range: horizontal ±1° (see also "Influence of the
installation position" section →  23)
• Zero based span
• Material of process isolating diaphragm: Al2O3 (aluminum-oxide ceramic, Ceraphire®)
• Supply voltage: 24 V DC ±3 V DC
• Load: 320 Ω (at 4 to 20 mA output)
Measuring uncertainty for
small absolute pressure
measuring ranges
The smallest extended uncertainty of measurement that can delivered by our standards is:
• in range 1 to 30 mbar (0.0145 to 0.435 psi): 0.4 % of reading
• in range < 1 mbar (0.0145 psi): 1 % of reading.
Influence of the installation
position
→  23
Resolution
Current output: min. 1.6 μA
Reference accuracy
The reference accuracy contains the non-linearity [DIN EN 61298-2 3.11] including the pressure
hysteresis [DIN EN 61298-23.13] and non-repeatability [DIN EN 61298-2 3.11] in accordance with
the limit point method as per [DIN EN 60770].
Device
% of the calibrated span to the maximum turn down
Reference accuracy
Non-linearity 1)
Non-repeatability
PMC11 2)
±0.5
±0.1
±0.1
PMC21
±0.3
±0.1
±0.1
1)
The non-linearity for the 40 bar (600 psi) sensor can be up to ± 0.15% of the calibrated span up to the
maximum turn down.
2)
For devices with 0 to 10 V output, a non-linearity of up to max. 0.3 V can occur for signal values below
0.03 V.
Overview of the turn down ranges →  14
Measuring ranges
Turn down
Device
% of URL
100 mbar (1.5 psi)to
40 bar (600 psi)
1:1 to TD 5:1
PMC11
±0.5
PMC21
±0.3 1)
1)
For the 100 mbar (1.5 psi) and 250 mbar (4 psi) measuring ranges, the following applies: In the event of
heat effects on the initial reference conditions, an additional deviation of max. 0.3 mbar (4.5 psi) from the
zero point or the output span is possible.
Thermal change of the zero
output and the output span
Measuring cell
–20 to +85 °C (–4 to +185 °F)
–40 to –20 °C (–40 to –4 °F)
+85 to +100 °C (+185 to +212 °F)
% of URL for TD 1:1
<1 bar (15 psi)
<1
<1.2
≥ 1 bar (15 psi)
<0.8
<1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com