Electronic Components Datasheet Search
  English  ▼

X  

PMC21 Datasheet(PDF) 38 Page - Endress+Hauser Group Services AG

Part # PMC21
Description  Pressure transducer with ceramic and metal sensors
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

PMC21 Datasheet(HTML) 38 Page - Endress+Hauser Group Services AG

Back Button PMC21 Datasheet HTML 34Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 35Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 36Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 37Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 38Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 39Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 40Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 41Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 42Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 48 page
background image
Cerabar PMC11, PMC21, PMP11, PMP21
38
Endress+Hauser
Process connections with
flush mount, metal process
isolating diaphragm
Thread ISO 228 G
ø31.5 (1.24)
ø18 (0.71)
ø26 (1.02)
1
SW/AF
G ½" A
A0021971
1
FKM form seal, pre-mounted
Engineering unit mm (in). Diameter of process isolating diaphragm: 17.2 mm (0.68 in)
Device
Designation
Material
Nominal value
to 100 bar (1500 psi)
Nominal value
400 bar (6000 psi)
Option 1)
Weight
Height C
SW/
AF
Weight
Height C
SW/
AF
kg (lbs)
kg (lbs)
PMP11
PMP21
Thread ISO 228 G ½" A
DIN3852, shape E
316L
0.140 (0.31)
41 (1.61)
32
0.120 (0.26)
35 (1.38)
32
WJJ
1)
Product Configurator, order code for "Process connection"
ø31.5 (1.24)
ø18 (0.71)
ø26 (1.02)
32
2
1
G ½" A
A0022802
1
FKM form seal, pre-mounted
2
FKM O-ring, pre-mounted
Engineering unit mm (in). Diameter of process isolating diaphragm: 17.2 mm (0.68 in)
Device 1)
Designation
Material
Weight
Option 2)
kg (lbs)
PMP11
PMP21
Thread ISO 228 G ½" A
O-ring seal, flush-mounted
316L
0.150 (0.33)
WUJ
1)
Suitable for weld-in adapter 52002643 and 52010172
2)
Product Configurator, order code for "Process connection"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com