Electronic Components Datasheet Search
  English  ▼

X  

PMC21 Datasheet(PDF) 43 Page - Endress+Hauser Group Services AG

Part # PMC21
Description  Pressure transducer with ceramic and metal sensors
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

PMC21 Datasheet(HTML) 43 Page - Endress+Hauser Group Services AG

Back Button PMC21 Datasheet HTML 39Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 40Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 41Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 42Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 43Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 44Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 45Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 46Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 47Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 48 page
background image
Cerabar PMC11, PMC21, PMP11, PMP21
Endress+Hauser
43
Certificates and approvals
CE mark
The device meets the legal requirements of the relevant EC directives. Endress+Hauser confirms that
the device has been successfully tested by applying the CE mark.
RoHS
The measuring system complies with the substance restrictions of the Restriction on Hazardous
Substances Directive 2011/65/EU (RoHS 2).
RCM-Tick marking
The supplied product or measuring system meets the ACMA (Australian Communications and Media
Authority) requirements for network integrity, interoperability, performance characteristics as well
as health and safety regulations. Here, especially the regulatory arrangements for electromagnetic
compatibility are met. The products are labelled with the RCM- Tick marking on the name plate.
A0029561
EAC conformity
The PMC21, PMP21 and PMP23 devices meet the legal requirements of the applicable EAC
directives. These are listed in the corresponding EAC Declaration of Conformity along with the
standards applied.
Endress+Hauser confirms successful testing of the device by affixing to it the EAC mark.
Approval
CSA C/US General Purpose
Safety Instructions (XA)
Safety Instructions (XA) are supplied with the device depending on the approval. They are an
integral part of the Operating Instructions.
The nameplate indicates the Safety Instructions (XA) that are relevant to the device.
Marine approval (pending)
Device
Designation
Option 1)
PMC21
PMP21
DNV GL
LE
PMC21
PMP21
ABS
LF
PMC21
PMP21
RINA
LV
1)
Product Configurator, order code for "Additional approval"
Pressure Equipment
Directive 2014/68/EU (PED)
Pressure equipment with allowable pressure ≤ 200 bar (2900 psi)
Pressure equipment (with a maximum allowable pressure PS ≤ 200 bar (2900 psi)) can be classified
as pressure accessories in accordance with Pressure Equipment Directive 2014/68/EU. If the
maximum allowable pressure is ≤ 200 bar (2900 psi) and the pressurized volume of the pressure
equipment is ≤ 0.1 l, the pressure equipment is subject to the Pressure Equipment Directive (cf.
Pressure Equipment Directive 2014/68/EU, Article 4, point 3). The Pressure Equipment Directive
only requires that the pressure equipment shall be designed and manufactured in accordance with
the "sound engineering practice of a Member State".
Reasons:
• Pressure Equipment Directive (PED) 2014/68/EU Article 4, point 3
• Pressure equipment directive 2014/68/EU, Commission's Working Group "Pressure", Guideline
A-05 + A-06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com