Electronic Components Datasheet Search
  English  ▼

X  

PMC21 Datasheet(PDF) 27 Page - Endress+Hauser Group Services AG

Part # PMC21
Description  Pressure transducer with ceramic and metal sensors
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

PMC21 Datasheet(HTML) 27 Page - Endress+Hauser Group Services AG

Back Button PMC21 Datasheet HTML 23Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 24Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 25Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 26Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 27Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 28Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 29Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 30Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 31Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
Cerabar PMC11, PMC21, PMP11, PMP21
Endress+Hauser
27
Process
Process temperature range
for devices with ceramic
process isolating diaphragm
Device
Process temperature range
PMC11
–25 to +85 °C (–13 to +185 °F)
PMC21
–25 to +100 °C (–13 to +212 °F)
PMC21 for oxygen applications
–10 to +60 °C (+14 to +140 °F)
• For saturated steam applications, use a device with a metal process isolating diaphragm, or
provide a siphon for temperature isolation when installing.
• Pay attention to the process temperature range of the seal. See also the following table.
Seal
Notes
Process temperature range
Option
FKM
-
–20 to +100 °C (–4 to +212 °F)
A 1)
FKM
Cleaned for oxygen service
–10 to +60 °C (+14 to +140 °F)
A 1) and HB 2)
EPDM 70
-
–25 to +100 °C (–13 to +212 °F)
J 1)
1)
Product Configurator, order code for "Seal"
2)
Product Configurator, order code for "Service"
Applications with changes in temperature
Frequent extreme changes in temperatures can temporarily cause measuring errors. Temperature
compensation takes place after a few minutes. Internal temperature compensation is faster the
smaller the change in temperature and the longer the time interval.
For further information please contact your local Endress+Hauser Sales Center.
Process temperature range
for devices with metallic
process isolating diaphragm
Device
Process temperature range
PMP11
–25 to +85 °C (–13 to +185 °F)
PMP21
–40 to +100 °C (–40 to +212 °F)
Applications with changes in temperature
Frequent extreme changes in temperatures can temporarily cause measuring errors. Internal
temperature compensation is faster the smaller the change in temperature and the longer the time
interval.
For further information please contact your local Endress+Hauser Sales Center.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com