Electronic Components Datasheet Search
  English  ▼

X  

PMC21 Datasheet(PDF) 19 Page - Endress+Hauser Group Services AG

Part # PMC21
Description  Pressure transducer with ceramic and metal sensors
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

PMC21 Datasheet(HTML) 19 Page - Endress+Hauser Group Services AG

Back Button PMC21 Datasheet HTML 15Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 16Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 17Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 18Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 19Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 20Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 21Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 22Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 23Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
Cerabar PMC11, PMC21, PMP11, PMP21
Endress+Hauser
19
Power supply fault
• Behavior in the event of overvoltage (>30 V):
The device works continuously up to 34 V DC without damage. If the supply voltage is exceeded,
the specified characteristics are no longer guaranteed.
• Behavior in the event of undervoltage:
If the supply voltage falls below the minimum value, the device switches off in a defined manner.
Electrical connection
Degree of protection
Device
Connection
Degree of protection
Option 1)
PMC21
PMP21
Cable 5 m (16 ft)
IP66/68 2) NEMA type 4X/6P enclosure
A
PMC21
PMP21
Cable 10 m (33 ft)
IP66/68 2) NEMA type 4X/6P enclosure
B
PMC21
PMP21
Cable 25 m (82 ft)
IP66/68 2) NEMA type 4X/6P enclosure
C
PMC11
PMP11
M12 plug
IP65 NEMA type 4X enclosure
L
PMC21
PMP21
M12 plug
IP65/67 NEMA type 4X enclosure
M
PMC11
PMP11
PMC21
PMP21
Valve plug ISO4400 M16
IP65 NEMA type 4X enclosure
U
PMC11
PMP11
PMC21
PMP21
Valve plug ISO4400 NPT ½
IP65 NEMA type 4X enclosure
V
1)
Product Configurator, order code for "Electrical connection"
2)
IP 68 (1.83m H2O for 24 h)
Cable specification
For valve plug: < 1.5 mm2 (16 AWG) and Ø4.5 to 10 mm (0.18 to 0.39 in)
Residual ripple
The device operates within the reference accuracy up to ±5 % of the residual ripple of the supply
voltage, within the permitted voltage range.
Influence of power supply
≤0.005 % of URV/1 V
Overvoltage protection
The device does not contain any special elements to protect against overvoltage ("wire to ground").
Nevertheless the requirements of the applicable EMC standard EN 61000-4-5 (testing voltage 1kV
EMC wire/ground) are met.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com