Electronic Components Datasheet Search
  English  ▼

X  

PMC21 Datasheet(PDF) 30 Page - Endress+Hauser Group Services AG

Part # PMC21
Description  Pressure transducer with ceramic and metal sensors
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

PMC21 Datasheet(HTML) 30 Page - Endress+Hauser Group Services AG

Back Button PMC21 Datasheet HTML 26Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 27Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 28Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 29Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 30Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 31Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 32Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 33Page - Endress+Hauser Group Services AG PMC21 Datasheet HTML 34Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
Cerabar PMC11, PMC21, PMP11, PMP21
30
Endress+Hauser
Item Designation
Material
Weight kg (lbs) Device Option 1)
C
M16 valve plug
Plastic PPSU
0.060 (0.14)
PMC11
PMP11
PMC21
PMP21
U
C
NPT ½ valve plug
Plastic PPSU
0.060 (0.14)
PMC11
PMP11
PMC21
PMP21
V
D
Cable 5 m (16 ft)
PUR (UL94V0)
0.280 (0.62)
PMC21
PMP21
A
D
Cable 10 m (33 ft)
PUR (UL94V0)
0.570 (1.26)
PMC21
PMP21
B
D
Cable 25 m (82 ft)
PUR (UL94V0)
1.400 (3.09)
PMC21
PMP21
C
1)
Product Configurator, order code for "Electrical connection"
Housing
A
ø40.5 (1.59)
A0022243
Engineering unit mm (in)
B
C
ø31.5 (1.24)
ø31.5 (1.24)
ø33 (1.3)
A0027288
Engineering unit mm (in)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com