Electronic Components Datasheet Search
  English  ▼

X  

83C145 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 83C145
Description  Microcontrollers for TV and video MTV
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

83C145 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 83C145 Datasheet HTML 2Page - NXP Semiconductors 83C145 Datasheet HTML 3Page - NXP Semiconductors 83C145 Datasheet HTML 4Page - NXP Semiconductors 83C145 Datasheet HTML 5Page - NXP Semiconductors 83C145 Datasheet HTML 6Page - NXP Semiconductors 83C145 Datasheet HTML 7Page - NXP Semiconductors 83C145 Datasheet HTML 8Page - NXP Semiconductors 83C145 Datasheet HTML 9Page - NXP Semiconductors 83C145 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
1996 Mar 22
6
Philips Semiconductors
Product specification
Microcontrollers for TV and video (MTV)
83C145; 83C845
83C055; 87C055
6.2
Pin description
Table 2
Pin description SDIP42 (SOT270-1)
SYMBOL
PIN
DESCRIPTION
Port 0 (notes 1, 2 and 4)
P0.0/TDAC/VPP
1
P0.0: open-drain bidirectional port line;
TDAC: output for the 14-bit high-precision PWM;
VPP: 12 V programming supply voltage during EPROM programming.
P0.1/PWM1/PROG
2
P0.1: open-drain bidirectional port line;
PWM1: output for the 6-bit lower-precision PWM;
PROG: input for EPROM programming pulses.
P0.2/PWM2/ASEL
3
P0.2: open-drain bidirectional port line;
PWM2: output for the 6-bit lower-precision PWM;
ASEL: input indicating the EPROM address bits that are applied to Port 2.
P0.3/PWM3
to
P0.7/PWM7
4to8
P0.3 to P0.7: 5 open-drain bidirectional port lines;
PWM3 to PWM7: 5 outputs for the 6-bit lower-precision PWM.
Port 1 (notes 1, 2 and 5)
P1.0/ADI0
to
P1.2/ADI2
9to11
P1.0 to P1.2: 3 open-drain bidirectional port lines;
ADI0 to ADI2: inputs for the software analog-to-digital facility.
P1.3/PWM0
12
P1.3: open-drain bidirectional port line; PWM0: output for the 6-bit lower-precision
PWM. PWM0 can be externally pulled up as high as +12 V
±5%
Port 2
P2.7 to P2.0
13 to 20 Port 2: 8-bit open-drain bidirectional port; P2.3 to P2.0 have high current capability
(10 mA at 0.5 V) for driving LEDs. Port 2 pins that have logic 1s written to them float,
and in that state can be used as high-impedance inputs. Any of the Port 2 pins are
driven LOW if the port register bit is written as a logic 0. The state of the pin can
always be read from the port register by the program.
Port 3 (note 1 and 3)
P3.0
34
P3.0: open-drain bidirectional port line.
P3.1/INT1
35
P3.1: open-drain bidirectional port line; INT1: External interrupt 1.
P3.2/T0
36
P3.2: open-drain bidirectional port line; T0: Timer 0 external input.
P3.3/INT0
37
P3.3: open-drain bidirectional port line; INT0: External interrupt 0.
P3.4 to P3.7
38 to 41 P3.4 to P3.7: 4 open-drain bidirectional port lines.
General
VSS
21
Ground: 0 V reference.
VID2 to VID0
22 to 24 Digital Video bus: Three totem-pole outputs comprising digital RGB (or other colour
encoding) from the OSD facility. The polarity of these outputs is controlled by a
programmable register bit (register OSCON; bit Po).
VCTRL
25
Video Control: A totem-pole output indicating whether the OSD facility is currently
presenting active video on the VID2 to VID0 outputs. Signal is used to control an
external multiplexer (mixer) between normal video and the video derived from VID2 to
VID0. The polarity of this output is controlled by a programmable register bit (register
OSCON; bit Pc).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com