Electronic Components Datasheet Search
  English  ▼

X  

83C145 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # 83C145
Description  Microcontrollers for TV and video MTV
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

83C145 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button 83C145 Datasheet HTML 23Page - NXP Semiconductors 83C145 Datasheet HTML 24Page - NXP Semiconductors 83C145 Datasheet HTML 25Page - NXP Semiconductors 83C145 Datasheet HTML 26Page - NXP Semiconductors 83C145 Datasheet HTML 27Page - NXP Semiconductors 83C145 Datasheet HTML 28Page - NXP Semiconductors 83C145 Datasheet HTML 29Page - NXP Semiconductors 83C145 Datasheet HTML 30Page - NXP Semiconductors 83C145 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
1996 Mar 22
27
Philips Semiconductors
Product specification
Microcontrollers for TV and video (MTV)
83C145; 83C845
83C055; 87C055
14.2
Programming operation
Figures 10 and 11 show the timing diagrams for the
Program/Verify cycle. Programming operation:
1. RST should initially be held HIGH for at least
2 machine cycles. P0.1 (PROG) and P0.0 (VPP) will be
at VOH as a result of the RST operation. At this point,
these pins function as normal quasi-bidirectional I/O
ports and the programming equipment may pull these
lines LOW. However, prior to sending the 10-bit code
on the RST pin, the programming equipment should
drive these pins HIGH (VIH).
2. The RST pin may now be used as the serial data input
for the data stream which places the 87C055 in the
Programming Mode. Data bits are sampled during the
clock HIGH time and thus should only change during
the time that the clock is LOW. Following transmission
of the last data bit, the RST pin should be held LOW.
3. Next the address information for the location to be
programmed is placed on Port 2 and ASEL is used to
perform the address multiplexing, as previously
described (see Table 31; note 1).
a) At this time, Port 1 functions as an output.
b) A high voltage VPP level is then applied to the VPP
input (P0.0). This sets Port 1 as an input port.
c) The data to be programmed into the EPROM array
is then placed on Port 3. This is followed by a
series of programming pulses applied to the PROG
pin (P0.1). These pulses are created by driving
P0.1 LOW and then HIGH. This pulse is repeated
until a total of 25 programming pulses have
occurred. At the conclusion of the last pulse, the
PROG signal should remain HIGH.
4. The VPP signal may now be driven to the VOH level,
placing the 87C055 in the Verify Mode; Port 3 is now
used as an output port. After four machine cycles
(48 clock periods), the contents of the addressed
location in the EPROM array will appear on Port 3.
5. The next programming cycle may now be initiated by:
a) Placing the address information at the inputs of the
multiplexed buffers.
b) Driving the VPP pin to the VPP voltage level.
c) Providing the byte to be programmed to Port 3 and
issuing the 26 programming pulses on the PROG
pin.
d) Bringing VPP back down to the VOH level and
verifying the byte (see Table 33).
14.3
Erasure Characteristics
Erasure of the EPROM begins to occur when the chip is
exposed to light with wavelengths shorter than
approximately 4000 Angstroms. Since sunlight and
fluorescent lighting have wavelengths in this range,
exposure to these light sources over an extended time
(about 1 week in sunlight, or 3 years in room level
fluorescent lighting) could cause inadvertent erasure.
For this and secondary effects, it is recommended that an
opaque label be placed over the window. For elevated
temperature or environments where solvents are being
used, apply Kapton tape Fluorless (part number 2345-5) or
equivalent.
The recommended erasure procedure is exposure to
ultraviolet light (at 2537 Angstroms) to an integrated dose
of at least 15 Ws/cm2.
Exposing the EPROM to an ultraviolet lamp of
12000
µW/cm2 rating for 20 to 39 minutes, at a distance of
about 1 inch, should be sufficient. Erasure leaves the array
in an all logic 1s state.
14.4
Reading Signature Bytes
The Signature Bytes are read by the same procedure as a
normal verify of locations 30H and 31H (the values are
shown in Table 32), except that the serial code indicated in
Table 33 for reading signature bytes should be used.
Table 32 Programming and Verification codes
Table 33 Implementing Program/Verify Modes
Note
1. Pulsed from VIH to VIL and returned to VIH.
ADDRESS
CONTENT
INDICATION
30H
15H
manufactured by Philips
31H
4BH
87C055
OPERATION
SERIAL
CODE
P0.1
(PROG)
P0.0
(VPP)
Program user EPROM
286H
−(1)
VPP
Verify user EPROM
286H
VIH
VIH
Read Signature Bytes
280H
VIH
VIH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com