Electronic Components Datasheet Search
  English  ▼

X  

83C145 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # 83C145
Description  Microcontrollers for TV and video MTV
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

83C145 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button 83C145 Datasheet HTML 32Page - NXP Semiconductors 83C145 Datasheet HTML 33Page - NXP Semiconductors 83C145 Datasheet HTML 34Page - NXP Semiconductors 83C145 Datasheet HTML 35Page - NXP Semiconductors 83C145 Datasheet HTML 36Page - NXP Semiconductors 83C145 Datasheet HTML 37Page - NXP Semiconductors 83C145 Datasheet HTML 38Page - NXP Semiconductors 83C145 Datasheet HTML 39Page - NXP Semiconductors 83C145 Datasheet HTML 40Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
1996 Mar 22
36
Philips Semiconductors
Product specification
Microcontrollers for TV and video (MTV)
83C145; 83C845
83C055; 87C055
20 AC CHARACTERISTICS
VDD =5V ±10%; Tamb = 0 to +70 °C; all voltages with respect to VSS; unless otherwise specified.
Notes
1. The 83C055 is tested at its maximum XTAL frequency, but not at any other (lower) rate.
2. These parameters apply only when an external clock signal is used.
3. These parameters assume equal loading at CL = 100 pF, for all the referenced outputs. These parameters are
specified but not tested.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
1/tCLCL
XTAL frequency
note 1
6
−
12
MHz
tCHCX
XTAL1 clock HIGH time
note 2
20
−−
ns
tCLCX
XTAL1 clock LOW time
20
−−
ns
tCLCH
XTAL1 clock rise time
−−
20
ns
tCHCL
XTAL1 clock fall time
5
−
20
ns
1/tVCLCL
VCLK frequency
5
−
8
MHz
tVCOH − tVCOL
Rise versus fall time skew on any one of
VID2 to VID0, VCTRL and BF
note 3
−−
40
ns
tVCOH1 − tVCOH2 Rise time skew between any two of
VID2 to VID0, VCTRL and BF
−−
30
ns
tVCOL1 − tVCOL2
Fall time skew between any two of
VID2 to VID0, VCTRL and BF
−−
30
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com