Electronic Components Datasheet Search
  English  ▼

X  

83C145 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # 83C145
Description  Microcontrollers for TV and video MTV
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

83C145 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button 83C145 Datasheet HTML 16Page - NXP Semiconductors 83C145 Datasheet HTML 17Page - NXP Semiconductors 83C145 Datasheet HTML 18Page - NXP Semiconductors 83C145 Datasheet HTML 19Page - NXP Semiconductors 83C145 Datasheet HTML 20Page - NXP Semiconductors 83C145 Datasheet HTML 21Page - NXP Semiconductors 83C145 Datasheet HTML 22Page - NXP Semiconductors 83C145 Datasheet HTML 23Page - NXP Semiconductors 83C145 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
1996 Mar 22
20
Philips Semiconductors
Product specification
Microcontrollers for TV and video (MTV)
83C145; 83C845
83C055; 87C055
Table 19 Special characters related to OSDT register
13.6.3
SPECIAL FUNCTION REGISTER OSAT
Table 20 Special Function Register OSAT ( On Screen ATtributes; address 98H)
Table 21 Description of OSAT bits
SPECIAL CHARACTER
OSDT5
OSDT4
OSDT3
OSDT2
OSDT1
OSDT0
New Line
1
1
1
1
0
1
Space (normal)
1
1
1
1
0
0
BSpace
1
1
1
1
1
0
SplitBspace
1
1
1
1
1
1
WITH OSDT =
76543210
New Line
−−−
E
−
SR
D
Sh
BSpace
−−−
B
−
BC2
BC1
BC0
SplitBSpace
−−−
B
−
BC2
BC1
BC0
Any other character
−−−
B
−
FC2
FC1
FC0
BIT
SYMBOL
DESCRIPTION
7 to 5, 3
−
Reserved.
With OSDT = New Line; note 1
4
E
End; If the E bit is 1, no further rows are displayed on the screen.
2
SR
Short row; If E = 0 and SR = 1, the next row is a ‘short row’, i.e. it is only 4 or 8 scan lines high
rather than 18 or 36. Short rows can be used for underlined text.
1
D
Double height; If E = 0 and D = 1, all of the characters in the following row are displayed with
‘double height and width’.
0
Sh
Shadowing; If E = 0 and Sh = 1, all of the characters in the following row are displayed with
‘shadowing’; see Section 13.8.
With OSDT = BSpace or SplitBspace; note 2
4
B
Background; B indicates whether ‘background pixels’ should show the current background
colour (B = 1), or television video (B = 0).
2 to 0
BC2 to BC0 Bcolor: Background colour (notes 3 and 4; see Table 22).
With OSDT = Any other character
4
B
Background; B indicates whether ‘background pixels’ should show the current background
colour (B = 1), or television video (B = 0).
2 to 0
FC2 to FC0 Fcolor: Foreground colour. Fcolor indicates the colour of ‘foreground pixels’ in the ROM bit
map for this character (see Table 22).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com