| Electronic Components Datasheet Search |
|
83C145 Datasheet(PDF) 30 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
83C145 Datasheet(HTML) 30 Page - NXP Semiconductors |
|
30 / 40 page ![]() 1996 Mar 22 30 Philips Semiconductors Product specification Microcontrollers for TV and video (MTV) 83C145; 83C845 83C055; 87C055 15 PROGRAMMING THE OSD EPROM 15.1 Overview The OSD EPROM space starts at location C000H and ends at location CFFFH. However, due to the addressing scheme of the OSD, not all locations within this space are used.The start location of the next character can be calculated by adding 40H to the start location of the previous character. For example, character 1 starts at C000H; then characters 2, 3, and 4 start at C040H, C080H, and C0C0H, respectively. 15.2 Character description and programming An example of an OSD character bit map, and the program data to obtain that character is shown in Table 34. Each character is 14 bits wide by 18 lines high.A character is split about a vertical axis into two sections UPPER and LOWER as illustrated in Table 34: • Each section contains 7 bits of the character, such that: – the LOWER section contains bits 7 to 1, and – the UPPER section contains bits 14 to 8. • The LOWER section of the character is programmed when the LSB of the program address equals a logic 0, and the UPPER section when the LSB equals a logic 1. During Programming and Verification, each section is programmed using bytes of program data. The MSB of the program data is not used; however, the MSB location physically exists, and so will Program and Verify. 15.3 OSD EPROM bit map The mapping for the full OSD EPROM is shown in Table 35. To program the example character into the first character location of the OSD EPROM would require the data at the address as shown in Table 34. Table 34 Example of an OSD Character Bit Map (note 1) Note 1. X can be a logic 0 or logic 1, and will Program and Verify correctly. LINE CHARACTER BIT MAP PROGRAM DATA ADDRESS (HEX) UPPER (BIT 14 TO 8) LOWER (BIT 7 TO 1) UPPER LOWER UPPER LOWER Line 1 0000000 0000000 X0000000 X0000000 C001 C000 Line 2 0000000 0000000 X0000000 X0000000 C003 C002 Line 3 0011110 0001100 X0011110 X0001100 C005 C004 Line 4 0011110 0001100 X0011110 X0001100 C007 C006 Line 5 0011110 0001100 X0011110 X0001100 C009 C008 Line 6 0011110 0001100 X0011110 X0001100 C00B C00A Line 7 0011110 0001100 X0011110 X0001100 C00D C00C Line 8 0011110 0001100 X0011110 X0001100 C00F C00E Line 9 0011111 1111100 X0011111 X1111100 C011 C010 Line 10 0011111 1111100 X0011111 X1111100 C013 C012 Line 11 0011111 1111100 X0011111 X1111100 C015 C014 Line 12 0011110 0001100 X0011110 X0001100 C017 C016 Line 13 0011110 0001100 X0011110 X0001100 C019 C018 Line 14 0011110 0001100 X0011110 X0001100 C01B C01A Line 15 0011110 0001100 X0011110 X0001100 C01D C01C Line 16 0011110 0001100 X0011110 X0001100 C01F C01E Line 17 0000000 0000000 X0000000 X0000000 C021 C020 Line 18 0000000 0000000 X0000000 X0000000 C023 C022 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |