Electronic Components Datasheet Search
  English  ▼

X  

83C145 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # 83C145
Description  Microcontrollers for TV and video MTV
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

83C145 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button 83C145 Datasheet HTML 25Page - NXP Semiconductors 83C145 Datasheet HTML 26Page - NXP Semiconductors 83C145 Datasheet HTML 27Page - NXP Semiconductors 83C145 Datasheet HTML 28Page - NXP Semiconductors 83C145 Datasheet HTML 29Page - NXP Semiconductors 83C145 Datasheet HTML 30Page - NXP Semiconductors 83C145 Datasheet HTML 31Page - NXP Semiconductors 83C145 Datasheet HTML 32Page - NXP Semiconductors 83C145 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
1996 Mar 22
29
Philips Semiconductors
Product specification
Microcontrollers for TV and video (MTV)
83C145; 83C845
83C055; 87C055
14.5
EPROM Programming and Verification
VDD =5V ±10%; VSS =0V; Tamb =21to27 °C.
Note
1. Address should be valid at least 24tCLCL before the rising edge of P0.0 (VPP).
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
1/tCLCL
Oscillator/clock frequency
1.2
6
MHz
tAVGL(1)
Address setup to P0.1 (PROG) LOW
10 + 24tCLCL
−µs
tGHAX
Address hold after P0.1 (PROG) HIGH
48tCLCL
−µs
tDVGL
Data setup to P0.1 (PROG) LOW
38tCLCL
−µs
tGHDX
Data hold after P0.1 (PROG) HIGH
36tCLCL
−µs
tSHGL
VPP setup to P0.1 (PROG) LOW
10
−µs
tGHSL
VPP hold after P0.1 (PROG) HIGH
10
−µs
tGLGH
P0.1 (PROG) width
90
110
µs
tAVQV(1)
VPP (VDD) LOW to data valid
−
48tCLCL
µs
tGHGL
P0.1 (PROG) HIGH to P0.1 (PROG) LOW
10
−µs
tSYNL
P0.0 (sync pulse) LOW
4tCLCL
−µs
tSYNH
P0.0 (sync pulse) HIGH
8tCLCL
−µs
tMASEL
ASEL HIGH time
13tCLCL
−µs
tHAHLD
Address hold time
2tCLCL
−µs
tHASET
Address setup to ASEL
13tCLCL
−µs
tADSTA
Low address to address stable
13tCLCL
−µs
Fig.11 Program/Verify cycle.
handbook, full pagewidth
tMASEL
tHASET
tHAHLD
tAVQV
tGHDX
tDVGL
tADSTA
tGLGH
tGHGL
tGHSL
tSHGL
P0.0 [V (p-p)]
P0.1 (PROG)
P0.2 (ASEL)
PORT 2
PORT 3
5 V
12.75 V
5 V
98
µs MIN
10
µs MIN
25 PULSES
HIGH ADDRESS
LOW ADDRESS
INVALID DATA
VALID DATA
VALID DATA
INVALID DATA
DATA TO BE
PROGRAMMED
verify mode
verify mode
program mode
MBE769



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com