Electronic Components Datasheet Search
  English  ▼

X  

ADS1113 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1113
Description  ADS111x-Q1 Automotive, Low-Power, I2C-Compatible, 860-SPS, 16-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1113 Datasheet(HTML) 34 Page - Texas Instruments

Back Button ADS1113 Datasheet HTML 30Page - Texas Instruments ADS1113 Datasheet HTML 31Page - Texas Instruments ADS1113 Datasheet HTML 32Page - Texas Instruments ADS1113 Datasheet HTML 33Page - Texas Instruments ADS1113 Datasheet HTML 34Page - Texas Instruments ADS1113 Datasheet HTML 35Page - Texas Instruments ADS1113 Datasheet HTML 36Page - Texas Instruments ADS1113 Datasheet HTML 37Page - Texas Instruments ADS1113 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 50 page
background image
9.1.7 Quick-Start Guide
This section provides a brief example of ADS111x-Q1 communications. Hardware for this design includes: one
ADS111x-Q1 configured with an I2C address of 1001000b; a microcontroller with an I2C interface; discrete
components such as resistors, capacitors, and serial connectors; and a 2-V to 5-V power supply. Figure 9-5
shows the basic hardware configuration.
The ADS111x-Q1 communicate with the controller (microcontroller) through an I2C interface. The controller
provides a clock signal on the SCL pin and data are transferred using the SDA pin. The ADS111x-Q1 never
drive the SCL pin. For information on programming and debugging the microcontroller being used, see the
device-specific product data sheet.
The first byte sent by the controller is the ADS111x-Q1 address, followed by the R/W bit that instructs the
ADS111x-Q1 to listen for a subsequent byte. The second byte is the Address Pointer register byte. The third and
fourth bytes sent from the controller are written to the register indicated in register address pointer bits P[1:0].
See Figure 8-9 and Figure 8-10 for read and write operation timing diagrams, respectively. All read and write
transactions with the ADS111x-Q1 must be preceded by a START condition, and followed by a STOP condition.
For example, to write to the configuration register to set the ADS111x-Q1 to continuous-conversion mode and
then read the conversion result, send the following bytes in this order:
1. Write to Config register:
• First byte: 10010000b (first 7-bit I2C address followed by a low R/W bit)
• Second byte: 00000001b (points to Config register)
• Third byte: 10000100b (MSB of the Config register to be written)
• Fourth byte: 10000011b (LSB of the Config register to be written)
2. Write to Address Pointer register:
• First byte: 10010000b (first 7-bit I2C address followed by a low R/W bit)
• Second byte: 00000000b (points to Conversion register)
3. Read Conversion register:
• First byte: 10010001b (first 7-bit I2C address followed by a high R/W bit)
• Second byte: the ADS111x-Q1 response with the MSB of the Conversion register
• Third byte: the ADS111x-Q1 response with the LSB of the Conversion register
VDD
GND
SCL
SDA
ADDR
ALERT
(ADS1114/5-Q1 Only)
AIN0
AIN1
AIN2 (ADS1115-Q1 Only)
AIN3 (ADS1115-Q1 Only)
SCL (P1.6)
SDA (P1.7)
I
2
C-Capable Controller
(MSP430F2002)
ADS111x-Q1
3.3 V
VDD
GND
JTAG
Serial/UART
3.3 V
10 k
0.1 µF
10 k
3.3 V
0.1 µF
Figure 9-5. Basic Hardware Configuration
ADS1113-Q1, ADS1114-Q1, ADS1115-Q1
SBAS563E – DECEMBER 2011 – REVISED DECEMBER 2022
www.ti.com
34
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: ADS1113-Q1 ADS1114-Q1 ADS1115-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com