Electronic Components Datasheet Search
  English  ▼

X  

ADS1113 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1113
Description  ADS111x-Q1 Automotive, Low-Power, I2C-Compatible, 860-SPS, 16-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1113 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS1113 Datasheet HTML 5Page - Texas Instruments ADS1113 Datasheet HTML 6Page - Texas Instruments ADS1113 Datasheet HTML 7Page - Texas Instruments ADS1113 Datasheet HTML 8Page - Texas Instruments ADS1113 Datasheet HTML 9Page - Texas Instruments ADS1113 Datasheet HTML 10Page - Texas Instruments ADS1113 Datasheet HTML 11Page - Texas Instruments ADS1113 Datasheet HTML 12Page - Texas Instruments ADS1113 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
6.8 Typical Characteristics
at TA = 25°C, VDD = 3.3 V, FSR = ±2.048 V, DR = 8 SPS (unless otherwise noted)
300
250
200
150
100
50
0
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
VDD = 5 V
VDD = 2 V
VDD = 3.3 V
Figure 6-2. Operating Current vs Temperature
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
VDD = 5 V
VDD = 2 V
VDD = 3.3 V
Figure 6-3. Power-Down Current vs Temperature
150
100
50
0
-50
100
150
200
250
300
-
-
-
-
-
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
VDD = 2 V
FSR = ±4.096 V
FSR = ±2.048 V
FSR = ±1.024 V
FSR = ±0.512 V
VDD = 5 V
Figure 6-4. Single-Ended Offset Error vs Temperature
60
50
40
30
20
10
0
-10
20
-
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
VDD = 3 V
VDD = 2 V
VDD = 5 V
VDD = 4 V
Figure 6-5. Differential Offset vs Temperature
0.05
0.04
0.03
0.02
0.01
0
-0.01
0.02
0.03
0.04
-
-
-
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
FSR = ±0.512 V
FSR = 0.256 V
±
FSR = 1.024 V, 2.048 V,
4.096 V, and 6.144 V
±
±
±
±
Figure 6-6. Gain Error vs Temperature
0.15
0.10
0.05
0
-0.05
0.10
0.15
-
-
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Supply Voltage (V)
FSR = ±256 mV
FSR = ±2.048 V
Figure 6-7. Gain Error vs Supply Voltage
www.ti.com
ADS1113-Q1, ADS1114-Q1, ADS1115-Q1
SBAS563E – DECEMBER 2011 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: ADS1113-Q1 ADS1114-Q1 ADS1115-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com