Electronic Components Datasheet Search
  English  ▼

X  

ADS1113 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1113
Description  ADS111x-Q1 Automotive, Low-Power, I2C-Compatible, 860-SPS, 16-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1113 Datasheet(HTML) 39 Page - Texas Instruments

Back Button ADS1113 Datasheet HTML 35Page - Texas Instruments ADS1113 Datasheet HTML 36Page - Texas Instruments ADS1113 Datasheet HTML 37Page - Texas Instruments ADS1113 Datasheet HTML 38Page - Texas Instruments ADS1113 Datasheet HTML 39Page - Texas Instruments ADS1113 Datasheet HTML 40Page - Texas Instruments ADS1113 Datasheet HTML 41Page - Texas Instruments ADS1113 Datasheet HTML 42Page - Texas Instruments ADS1113 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
9.2.3 Application Curves
Shunt Voltage (mV)
-60 -50 -40 -30 -20 -10
0
10
20
30
40
50
60
-250
-200
-150
-100
-50
0
50
100
150
200
250
D004
Figure 9-7. Measured Output vs Shunt Voltage
(VSHUNT)
Shunt Voltage (mV)
-50
-40
-30
-20
-10
0
10
20
30
40
50
-2
-1.75
-1.5
-1.25
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
D005
Including all errors
Excluding resistor errors
Excluding resistor errors, after offset calibration
Figure 9-8. Measurement Error vs Shunt Voltage
(VSHUNT)
9.3 Power Supply Recommendations
The device requires a single unipolar supply, VDD, to power both the analog and digital circuitry of the device.
9.3.1 Power-Supply Sequencing
Wait approximately 50 µs after VDD is stabilized before communicating with the device to allow the power-up
reset process to complete.
9.3.2 Power-Supply Decoupling
Good power-supply decoupling is important to achieve optimum performance. VDD must be decoupled with at
least a 0.1-µF capacitor, as shown in Figure 9-9. The 0.1-μF bypass capacitor supplies the momentary bursts
of extra current required from the supply when the device is converting. Place the bypass capacitor as close to
the power-supply pin of the device as possible using low-impedance connections. Use multilayer ceramic chip
capacitors (MLCCs) that offer low equivalent series resistance (ESR) and inductance (ESL) characteristics for
power-supply decoupling purposes. For very sensitive systems, or for systems in harsh noise environments,
avoid the use of vias for connecting the capacitors to the device pins for better noise immunity. Using multiple
vias in parallel lowers the overall inductance, and is beneficial for connections to ground planes.
0.1 µF
VDD
ADDR
GND
AIN0
AIN1
DIN
SDA
VDD
AIN3
AIN2
TI Device
ALERT/RDY
1
2
3
4
9
8
7
6
10
5
Figure 9-9. ADS1115-Q1 Power-Supply Decoupling
www.ti.com
ADS1113-Q1, ADS1114-Q1, ADS1115-Q1
SBAS563E – DECEMBER 2011 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: ADS1113-Q1 ADS1114-Q1 ADS1115-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com