Electronic Components Datasheet Search
  English  ▼

X  

ADS1113 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1113
Description  ADS111x-Q1 Automotive, Low-Power, I2C-Compatible, 860-SPS, 16-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1113 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS1113 Datasheet HTML 7Page - Texas Instruments ADS1113 Datasheet HTML 8Page - Texas Instruments ADS1113 Datasheet HTML 9Page - Texas Instruments ADS1113 Datasheet HTML 10Page - Texas Instruments ADS1113 Datasheet HTML 11Page - Texas Instruments ADS1113 Datasheet HTML 12Page - Texas Instruments ADS1113 Datasheet HTML 13Page - Texas Instruments ADS1113 Datasheet HTML 14Page - Texas Instruments ADS1113 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
6.8 Typical Characteristics (continued)
at TA = 25°C, VDD = 3.3 V, FSR = ±2.048 V, DR = 8 SPS (unless otherwise noted)
-0.5 -0.4 -0.3
-0.2 -0.1
0
0.1
0.2
0.3
0.4
0.5
12
10
8
6
4
2
0
Input Voltage (V)
DR = 860 SPS
DR = 8 SPS
DR = 128 SPS
FSR = ±0.512 V
Figure 6-14. Noise vs Input Signal
35
30
25
20
15
10
5
0
2.0
3.0
3.5
4.0
4.5
5.0
5.5
Supply Voltage (V)
2.5
FSR = ±2.048 V
860 SPS
128 SPS
8 SPS
FSR = ±2.048 V
Figure 6-15. Noise vs Supply Voltage
10
9
8
7
6
5
4
3
2
1
0
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
FSR = ±2.048 V, DR = 8 SPS
Figure 6-16. Noise vs Temperature
30
25
20
15
10
5
0
Gain Error (%)
FSR = ±2.048 V, 185 units
Figure 6-17. Gain Error Histogram
160
140
120
100
80
60
40
20
0
-3
3
Offset (LSBs)
-1
1
0
2
-2
FSR = ±2.048 V, 185 units
Figure 6-18. Offset Histogram
4
3
2
1
0
-1
-2
-3
-4
-2.048
-1.024
0
1.024
2.048
Input Signal (V)
Differential inputs; includes noise, offset and gain error
Figure 6-19. Total Error vs Input Signal
www.ti.com
ADS1113-Q1, ADS1114-Q1, ADS1115-Q1
SBAS563E – DECEMBER 2011 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: ADS1113-Q1 ADS1114-Q1 ADS1115-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com