Electronic Components Datasheet Search
  English  ▼

X  

ADS1113 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1113
Description  ADS111x-Q1 Automotive, Low-Power, I2C-Compatible, 860-SPS, 16-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1113 Datasheet(HTML) 1 Page - Texas Instruments

  ADS1113 Datasheet HTML 1Page - Texas Instruments ADS1113 Datasheet HTML 2Page - Texas Instruments ADS1113 Datasheet HTML 3Page - Texas Instruments ADS1113 Datasheet HTML 4Page - Texas Instruments ADS1113 Datasheet HTML 5Page - Texas Instruments ADS1113 Datasheet HTML 6Page - Texas Instruments ADS1113 Datasheet HTML 7Page - Texas Instruments ADS1113 Datasheet HTML 8Page - Texas Instruments ADS1113 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
ADS111x-Q1 Automotive, Low-Power, I2C-Compatible, 860-SPS, 16-Bit ADCs
With Internal Reference, Oscillator, and Programmable Comparator
1 Features
• AEC-Q100 qualified for automotive applications:
– Temperature grade 1: –40°C to +125°C, TA
• Functional Safety-Capable
– Documentation available to aid functional safety
system design
• Wide supply range: 2.0 V to 5.5 V
• Low current consumption:
– 150 μA (continuous-conversion mode)
• Programmable data rate:
– 8 SPS to 860 SPS
• Single-cycle settling
• Internal low-drift voltage reference
• Internal oscillator
• I2C interface: Four pin-selectable addresses
• Family of devices:
– ADS1113-Q1: 1 single-ended or differential
input
– ADS1114-Q1: 1 single-ended or differential
input with comparator and PGA
– ADS1115-Q1: 4 single-ended or 2 differential
inputs with comparator and PGA
2 Applications
• Camera modules without processing
• Automotive center information displays
• Automotive cluster displays
• General-purpose voltage and current monitoring
3 Description
The ADS1113-Q1, ADS1114-Q1, and ADS1115-Q1
devices (ADS111x-Q1) are precision, low-power,
16-bit, I2C-compatible, analog-to-digital converters
(ADCs)
offered
in
VSSOP-10
and
UQFN-10
packages. The ADS111x-Q1 devices incorporate a
low-drift voltage reference and an oscillator. The
ADS1114-Q1 and ADS1115-Q1 also incorporate a
programmable gain amplifier (PGA) and a digital
comparator. These features, along with a wide
operating supply range, make the ADS111x-Q1 well
suited for power- and space-constrained, sensor
measurement applications.
The ADS111x-Q1 perform conversions at data rates
up to 860 samples per second (SPS). The PGA offers
input ranges from ±256 mV to ±6.144 V, allowing
precise large- and small-signal measurements. The
ADS1115-Q1 features an input multiplexer (MUX)
that allows two differential or four single-ended
input measurements. Use the digital comparator in
the ADS1114-Q1 and ADS1115-Q1 for under- and
overvoltage detection.
Package Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
ADS111x-Q1
DGS (VSSOP, 10)
3.00 mm × 3.00 mm
NKS (UQFN, 10)
1.60 mm × 2.00 mm
(1)
For all available packages, see the package option
addendum at the end of the data sheet.
Table 3-1. Device Information
PART NUMBER
INPUT CHANNELS
FEATURES(1)
ADS1113-Q1
1 DE (1 SE)
—
ADS1114-Q1
1 DE (1 SE)
PGA, comparator
ADS1115-Q1
2 DE (4 SE)
PGA, comparator
(1)
See the Device Comparison Table for details.
Voltage
Reference
Oscillator
SCL
SDA
ADDR
ADS1113-Q1
AIN1
GND
AIN0
VDD
I
2C
Interface
16-Bit
ADC
ADS1114-Q1
Oscillator
Comparator
ALERT/
RDY
PGA
ADS1115-Q1
AIN0
AIN1
AIN2
AIN3
AIN1
AIN0
MUX
SCL
SDA
ADDR
I
2C
Interface
16-Bit
ADC
Voltage
Reference
Oscillator
Comparator
ALERT/
RDY
PGA
SCL
SDA
ADDR
I
2C
Interface
16-Bit
ADC
Voltage
Reference
GND
VDD
GND
VDD
Simplified Block Diagrams
ADS1113-Q1, ADS1114-Q1, ADS1115-Q1
SBAS563E – DECEMBER 2011 – REVISED DECEMBER 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - ADS1113

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1113 TI-ADS1113 Datasheet
789Kb / 34P
Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1113 TI-ADS1113 Datasheet
958Kb / 36P
Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1113 TI1-ADS1113 Datasheet
670Kb / 34P
Ultra-Small, Low-Power, SPI-Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1113 TI1-ADS1113 Datasheet
1Mb / 37P
Ultra-Small, Low-Power, SPI??Compatible, 16-Bit
ADS1113 TI-ADS1113 Datasheet
1Mb / 38P
Ultra-Small, Low-Power, SPI??Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
More results

Similar Description - ADS1113

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX190 MAXIM-MAX190 Datasheet
1,010Kb / 28P
Low-Power, 12-Bit Sampling ADCs with Internal Reference and Power-Down
Rev 2; 4/93
MAX11626 MAXIM-MAX11626 Datasheet
1Mb / 22P
12-Bit, 300ksps ADCs with FIFO and Internal Reference
Rev 2; 3/11
MAX11626_1110 MAXIM-MAX11626_1110 Datasheet
1Mb / 22P
12-Bit, 300ksps ADCs with FIFO and Internal Reference
Rev 3; 10/11
logo
Texas Instruments
ADS1013-Q1 TI1-ADS1013-Q1 Datasheet
1Mb / 45P
Automotive, Low-Power, I2C-Compatible, 3.3-kSPS, 12-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
ADS1113-Q1 TI1-ADS1113-Q1 Datasheet
1Mb / 50P
Automotive, Low-Power, I2C-Compatible, 860-SPS, 16-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
logo
Maxim Integrated Produc...
MAX11626 MAXIM-MAX11626_14 Datasheet
401Kb / 22P
ADCs with FIFO and Internal Reference
Rev 5; 9/14
logo
Texas Instruments
TLV4011-Q1 TI-TLV4011-Q1 Datasheet
841Kb / 17P
TLV4011-Q1 Low-Power Comparator with Precision Reference
logo
Maxim Integrated Produc...
MAX11638 MAXIM-MAX11638 Datasheet
1Mb / 22P
8-Bit, 16-/8-Channel, 300ksps ADCs with FIFO and Internal Reference
19-6035; Rev 0; 9/11
MAX11618 MAXIM-MAX11618 Datasheet
1Mb / 21P
10-Bit, 300ksps ADCs with FIFO and Internal Reference
19-5961; Rev 1; 9/11
logo
Texas Instruments
TLV3011-Q1 TI-TLV3011-Q1_V01 Datasheet
1Mb / 30P
TLV3011-Q1 and TLV3012-Q1 Low Power Comparator With Integrated 1.24V Voltage Reference
REVISED AUGUST 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com