Electronic Components Datasheet Search
  English  ▼

X  

ADS1113 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1113
Description  ADS111x-Q1 Automotive, Low-Power, I2C-Compatible, 860-SPS, 16-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1113 Datasheet(HTML) 4 Page - Texas Instruments

  ADS1113 Datasheet HTML 1Page - Texas Instruments ADS1113 Datasheet HTML 2Page - Texas Instruments ADS1113 Datasheet HTML 3Page - Texas Instruments ADS1113 Datasheet HTML 4Page - Texas Instruments ADS1113 Datasheet HTML 5Page - Texas Instruments ADS1113 Datasheet HTML 6Page - Texas Instruments ADS1113 Datasheet HTML 7Page - Texas Instruments ADS1113 Datasheet HTML 8Page - Texas Instruments ADS1113 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
Device Comparison Table
DEVICE
RESOLUTION
(Bits)
MAXIMUM SAMPLE
RATE
(SPS)
INPUT CHANNELS
Differential
(Single-Ended)
PGA
INTERFACE
SPECIAL
FEATURES
ADS1115-Q1
16
860
2 (4)
Yes
I2C
Comparator
ADS1114-Q1
16
860
1 (1)
Yes
I2C
Comparator
ADS1113-Q1
16
860
1 (1)
No
I2C
None
ADS1015-Q1
12
3300
2 (4)
Yes
I2C
Comparator
ADS1014-Q1
12
3300
1 (1)
Yes
I2C
Comparator
ADS1013-Q1
12
3300
1 (1)
No
I2C
None
ADS1118-Q1
16
860
2 (4)
Yes
SPI
Temperature sensor
ADS1018-Q1
12
3300
2 (4)
Yes
SPI
Temperature sensor
5 Pin Configuration and Functions
1
ADDR
2
ALERT/RDY
3
GND
4
AIN0
6
AIN2
7
AIN3
8
VDD
9
SDA
Not to scale
Figure 5-1. NKS Package,
10-Pin UQFN (Top View)
1
ADDR
10
SCL
2
ALERT/RDY
9
SDA
3
GND
8
VDD
4
AIN0
7
AIN3
5
AIN1
6
AIN2
Not to scale
Figure 5-2. DGS Package,
10-Pin VSSOP (Top View)
Table 5-1. Pin Functions
PIN(1)
TYPE
DESCRIPTION
NAME
ADS1113-Q1
ADS1114-Q1 ADS1115-Q1
ADDR
1
1
1
Digital input
I2C target address select
AIN0
4
4
4
Analog input Analog input 0
AIN1
5
5
5
Analog input Analog input 1
AIN2
—
—
6
Analog input Analog input 2 (ADS1115-Q1 only)
AIN3
—
—
7
Analog input Analog input 3 (ADS1115-Q1 only)
ALERT/RDY
—
2
2
Digital output
Comparator output or conversion ready (ADS1114-Q1 and ADS1115-Q1 only).
Open-drain output. Connect to VDD using a pullup resistor.
GND
3
3
3
Analog
Ground
NC
2, 6, 7
6, 7
—
—
No connect. Leave pin floating or connect to GND.
SCL
10
10
10
Digital input
Serial clock input. Connect to VDD using a pullup resistor.
SDA
9
9
9
Digital I/O
Serial data input and output. Connect to VDD using a pullup resistor.
VDD
8
8
8
Analog
Power supply. Connect a 0.1-μF, power-supply decoupling capacitor to GND.
(1)
See the Unused Inputs and Outputs section for unused pin connections.
ADS1113-Q1, ADS1114-Q1, ADS1115-Q1
SBAS563E – DECEMBER 2011 – REVISED DECEMBER 2022
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: ADS1113-Q1 ADS1114-Q1 ADS1115-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com