Electronic Components Datasheet Search
  English  ▼

X  

ADS1113 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1113
Description  ADS111x-Q1 Automotive, Low-Power, I2C-Compatible, 860-SPS, 16-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1113 Datasheet(HTML) 20 Page - Texas Instruments

Back Button ADS1113 Datasheet HTML 16Page - Texas Instruments ADS1113 Datasheet HTML 17Page - Texas Instruments ADS1113 Datasheet HTML 18Page - Texas Instruments ADS1113 Datasheet HTML 19Page - Texas Instruments ADS1113 Datasheet HTML 20Page - Texas Instruments ADS1113 Datasheet HTML 21Page - Texas Instruments ADS1113 Datasheet HTML 22Page - Texas Instruments ADS1113 Datasheet HTML 23Page - Texas Instruments ADS1113 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 50 page
background image
8.4 Device Functional Modes
8.4.1 Reset and Power-Up
The ADS111x-Q1 reset on power-up and set all the bits in the Config register to the respective default settings.
The ADS111x-Q1 enter a power-down state after completion of the reset process. The device interface and
digital blocks are active, but no data conversions are performed. The initial power-down state of the ADS111x-
Q1 relieves systems with tight power-supply requirements from encountering a surge during power-up.
The ADS111x-Q1 respond to the I2C general-call reset commands. When the ADS111x-Q1 receive a general call
reset command (06h), an internal reset is performed as if the device is powered-up.
8.4.2 Operating Modes
The ADS111x-Q1 operate in one of two modes: continuous-conversion or single-shot. The MODE bit in the
Config register selects the respective operating mode.
8.4.2.1 Single-Shot Mode
When the MODE bit in the Config register is set to 1b, the ADS111x-Q1 enter a power-down state, and operate
in single-shot mode. This power-down state is the default state for the ADS111x-Q1 when power is first applied.
Although powered down, the devices still respond to commands. The ADS111x-Q1 remain in this power-down
state until a 1b is written to the operational status (OS) bit in the Config register. When the OS bit is asserted,
the device powers up in approximately 25 μs, resets the OS bit to 0b, and starts a single conversion. When
conversion data are ready for retrieval, the device powers down again. Writing a 1b to the OS bit while a
conversion is ongoing has no effect. To switch to continuous-conversion mode, write a 0b to the MODE bit in the
Config register.
8.4.2.2 Continuous-Conversion Mode
In continuous-conversion mode (MODE bit set to 0b), the ADS111x-Q1 perform conversions continuously. When
a conversion is complete, the ADS111x-Q1 place the result in the Conversion register and immediately begin
another conversion. When writing new configuration settings, the currently ongoing conversion completes with
the previous configuration settings. Thereafter, continuous conversions with the new configuration settings start.
To switch to single-shot conversion mode, write a 1b to the MODE bit in the configuration register or reset the
device.
8.4.3 Duty Cycling For Low Power
The noise performance of a ΔΣ ADC generally improves when lowering the output data rate because more
samples of the internal modulator are averaged to yield one conversion result. In applications where power
consumption is critical, the improved noise performance at low data rates is not always required. For these
applications, the ADS111x-Q1 support duty cycling that yield significant power savings by periodically requesting
high data rate readings at an effectively lower data rate. For example, an ADS111x-Q1 in power-down state with
a data rate set to 860 SPS can be operated by a microcontroller that instructs a single-shot conversion every
125 ms (8 SPS). A conversion at 860 SPS only requires approximately 1.2 ms, so the ADS111x-Q1 enter power-
down state for the remaining 123.8 ms. In this configuration, the ADS111x-Q1 consume approximately 1/100th
the power that is otherwise consumed in continuous-conversion mode. The duty cycling rate is completely
arbitrary and is defined by the controller. The ADS111x-Q1 offer lower data rates that do not implement duty
cycling and also offer improved noise performance if required.
ADS1113-Q1, ADS1114-Q1, ADS1115-Q1
SBAS563E – DECEMBER 2011 – REVISED DECEMBER 2022
www.ti.com
20
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: ADS1113-Q1 ADS1114-Q1 ADS1115-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com