Electronic Components Datasheet Search
  English  ▼

X  

ADS1113 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1113
Description  ADS111x-Q1 Automotive, Low-Power, I2C-Compatible, 860-SPS, 16-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1113 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS1113 Datasheet HTML 3Page - Texas Instruments ADS1113 Datasheet HTML 4Page - Texas Instruments ADS1113 Datasheet HTML 5Page - Texas Instruments ADS1113 Datasheet HTML 6Page - Texas Instruments ADS1113 Datasheet HTML 7Page - Texas Instruments ADS1113 Datasheet HTML 8Page - Texas Instruments ADS1113 Datasheet HTML 9Page - Texas Instruments ADS1113 Datasheet HTML 10Page - Texas Instruments ADS1113 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
6.5 Electrical Characteristics
at VDD = 3.3 V, data rate = 8 SPS, and full-scale input voltage range (FSR) = ±2.048 V (unless otherwise noted); maximum
and minimum specifications apply from TA = –40°C to +125°C; typical specifications are at TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUT
Common-mode input impedance
FSR = ±6.144 V(1)
10
MΩ
FSR = ±4.096 V(1), FSR = ±2.048 V
6
FSR = ±1.024 V
3
FSR = ±0.512 V, FSR = ±0.256 V
100
kΩ
Differential input impedance
FSR = ±6.144 V(1)
22
MΩ
FSR = ±4.096 V(1)
15
FSR = ±2.048 V
4.9
FSR = ±1.024 V
2.4
FSR = ±0.512 V, ±0.256 V
710
kΩ
SYSTEM PERFORMANCE
Resolution (no missing codes)
16
Bits
DR
Data rate
8, 16, 32, 64, 128, 250, 475, 860
SPS
Data rate variation
All data rates
–10%
10%
Output noise
See Noise Performance section
INL
Integral nonlinearity
DR = 8 SPS, FSR = ±2.048 V(2)
1
LSB
Offset error
FSR = ±2.048 V, differential inputs
–3
±1
3
LSB
FSR = ±2.048 V, single-ended inputs
±3
Offset drift over temperature
FSR = ±2.048 V
0.005
LSB/°C
Long-term Offset drift
FSR = ±2.048 V, TA = 125°C,
1000 hrs
±1
LSB
Offset power-supply rejection
FSR = ±2.048 V, DC supply variation
1
LSB/V
Offset channel match
Match between any two inputs
3
LSB
Gain error(3)
FSR = ±2.048 V, TA = 25°C
0.01%
0.15%
Gain drift over temperature(3)
FSR = ±0.256 V
7
ppm/°C
FSR = ±2.048 V
5
40
FSR = ±6.144 V(1)
5
Long-term gain drift(3)
FSR = ±2.048 V, TA = 125°C,
1000 hrs
±0.05
%
Gain power-supply rejection
80
ppm/V
Gain match(3)
Match between any two gains
0.02%
0.1%
Gain channel match
Match between any two inputs
0.05%
0.1%
CMRR
Common-mode rejection ratio
At DC, FSR = ±0.256 V
105
dB
At DC, FSR = ±2.048 V
100
At DC, FSR = ±6.144 V(1)
90
fCM = 60 Hz, DR = 8 SPS
105
fCM = 50 Hz, DR = 8 SPS
105
DIGITAL INPUT/OUTPUT
VIH
High-level input voltage
0.7 VDD
5.5
V
VIL
Low-level input voltage
GND
0.3 VDD
V
VOL
Low-level output voltage
IOL = 3 mA
GND
0.15
0.4
V
Input leakage current
GND < VDIG < VDD
–10
10
µA
www.ti.com
ADS1113-Q1, ADS1114-Q1, ADS1115-Q1
SBAS563E – DECEMBER 2011 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: ADS1113-Q1 ADS1114-Q1 ADS1115-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com