Electronic Components Datasheet Search
  English  ▼

X  

ADS1113 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1113
Description  ADS111x-Q1 Automotive, Low-Power, I2C-Compatible, 860-SPS, 16-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1113 Datasheet(HTML) 12 Page - Texas Instruments

Back Button ADS1113 Datasheet HTML 8Page - Texas Instruments ADS1113 Datasheet HTML 9Page - Texas Instruments ADS1113 Datasheet HTML 10Page - Texas Instruments ADS1113 Datasheet HTML 11Page - Texas Instruments ADS1113 Datasheet HTML 12Page - Texas Instruments ADS1113 Datasheet HTML 13Page - Texas Instruments ADS1113 Datasheet HTML 14Page - Texas Instruments ADS1113 Datasheet HTML 15Page - Texas Instruments ADS1113 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 50 page
background image
6.8 Typical Characteristics (continued)
at TA = 25°C, VDD = 3.3 V, FSR = ±2.048 V, DR = 8 SPS (unless otherwise noted)
4
3
2
1
0
-1
2
3
4
-
-
-
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
VDD = 2 V
VDD = 5 V
VDD = 3.3 V
Figure 6-20. Data Rate vs Temperature
0
-10
20
30
40
50
60
70
80
-
-
-
-
-
-
-
1
10
100
1k
10k
Input Frequency (Hz)
DR = 8 SPS
Figure 6-21. Digital Filter Frequency Response
ADS1113-Q1, ADS1114-Q1, ADS1115-Q1
SBAS563E – DECEMBER 2011 – REVISED DECEMBER 2022
www.ti.com
12
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: ADS1113-Q1 ADS1114-Q1 ADS1115-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com