Electronic Components Datasheet Search
  English  ▼

X  

ADS1113 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1113
Description  ADS111x-Q1 Automotive, Low-Power, I2C-Compatible, 860-SPS, 16-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1113 Datasheet(HTML) 22 Page - Texas Instruments

Back Button ADS1113 Datasheet HTML 18Page - Texas Instruments ADS1113 Datasheet HTML 19Page - Texas Instruments ADS1113 Datasheet HTML 20Page - Texas Instruments ADS1113 Datasheet HTML 21Page - Texas Instruments ADS1113 Datasheet HTML 22Page - Texas Instruments ADS1113 Datasheet HTML 23Page - Texas Instruments ADS1113 Datasheet HTML 24Page - Texas Instruments ADS1113 Datasheet HTML 25Page - Texas Instruments ADS1113 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 50 page
background image
8.5.1.1 I2C Address Selection
The ADS111x-Q1 have one address pin, ADDR, that configures the I2C address of the device. This pin can
be connected to GND, VDD, SDA, or SCL, allowing for four different addresses to be selected with one pin,
as shown in Table 8-2. The state of address pin ADDR is sampled continuously. Use the GND, VDD and SCL
addresses first. If SDA is used as the device address, hold the SDA line low for at least 100 ns after the SCL line
goes low to make sure the device decodes the address correctly during I2C communication.
Table 8-2. ADDR Pin Connection and Corresponding Target Address
ADDR PIN CONNECTION
TARGET ADDRESS
GND
1001000b
VDD
1001001b
SDA
1001010b
SCL
1001011b
8.5.1.2 I2C General Call
The ADS111x-Q1 respond to the I2C general call address (0000000b) if the eighth bit is 0b. The devices
acknowledge the general call address and respond to commands in the second byte. If the second byte is
00000110b (06h), the ADS111x-Q1 reset the internal registers and enter a power-down state.
8.5.1.3 I2C Speed Modes
The I2C bus operates at one of three speeds. Standard mode allows a clock frequency of up to 100 kHz; fast
mode permits a clock frequency of up to 400 kHz; and high-speed mode (also called Hs mode) allows a clock
frequency of up to 3.4 MHz. The ADS111x-Q1 are fully compatible with all three modes.
No special action is required to use the ADS111x-Q1 in standard or fast mode, but high-speed mode must
be activated. To activate high-speed mode, send a special address byte of 00001xxxb following the START
condition, where xxx are bits unique to the Hs-capable controller. This byte is called the Hs controller code,
and is different from normal address bytes; the eighth bit does not indicate read/write status. The ADS111x-Q1
do not acknowledge this byte; the I2C specification prohibits acknowledgment of the Hs controller code. Upon
receiving a controller code, the ADS111x-Q1 switch on Hs mode filters, and communicate at up to 3.4 MHz. The
ADS111x-Q1 switch out of Hs mode with the next STOP condition.
For more information on high-speed mode, consult the I2C specification.
8.5.2 Target Mode Operations
The ADS111x-Q1 act as target receivers or target transmitters. The ADS111x-Q1 cannot drive the SCL line as
target devices.
8.5.2.1 Receive Mode
In target receive mode, the first byte transmitted from the controller to the target consists of the 7-bit device
address followed by a low R/W bit. The next byte transmitted by the controller is the Address Pointer register.
The ADS111x-Q1 then acknowledge receipt of the Address Pointer register byte. The next two bytes are written
to the address given by the register address pointer bits, P[1:0]. The ADS111x-Q1 acknowledge each byte sent.
Register bytes are sent with the most significant byte first, followed by the least significant byte.
8.5.2.2 Transmit Mode
In target transmit mode, the first byte transmitted by the controller is the 7-bit target address followed by the
high R/W bit. This byte places the target into transmit mode and indicates that the ADS111x-Q1 are being
read from. The next byte transmitted by the target is the most significant byte of the register that is indicated
by the register address pointer bits, P[1:0]. This byte is followed by an acknowledgment from the controller.
The remaining least significant byte is then sent by the target and is followed by an acknowledgment from the
controller. The controller can terminate transmission after any byte by not acknowledging or issuing a START or
STOP condition.
ADS1113-Q1, ADS1114-Q1, ADS1115-Q1
SBAS563E – DECEMBER 2011 – REVISED DECEMBER 2022
www.ti.com
22
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: ADS1113-Q1 ADS1114-Q1 ADS1115-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com