Electronic Components Datasheet Search
  English  ▼

X  

ADM1067ASU Datasheet(PDF) 20 Page - Analog Devices

Part # ADM1067ASU
Description  Super Sequencer with Open-Loop Margining DACs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1067ASU Datasheet(HTML) 20 Page - Analog Devices

Back Button ADM1067ASU Datasheet HTML 16Page - Analog Devices ADM1067ASU Datasheet HTML 17Page - Analog Devices ADM1067ASU Datasheet HTML 18Page - Analog Devices ADM1067ASU Datasheet HTML 19Page - Analog Devices ADM1067ASU Datasheet HTML 20Page - Analog Devices ADM1067ASU Datasheet HTML 21Page - Analog Devices ADM1067ASU Datasheet HTML 22Page - Analog Devices ADM1067ASU Datasheet HTML 23Page - Analog Devices ADM1067ASU Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
ADM1067
Rev. B | Page 20 of 32
SEQUENCING ENGINE APPLICATION EXAMPLE
The application in this section demonstrates the operation of
the sequencing engine (SE). Figure 24 shows how the simple
building block of a single SE state can be used to build a power-
up sequence for a 3-supply system.
Table 8 lists the PDO outputs for each state in the same SE
implementation. In this system, the presence of a good 5 V
supply on VP1 and the VX1 pin held low are the triggers
required for a power-up sequence to start. The sequence next
intends to turn on the 3.3 V supply, and then the 2.5 V supply
(assuming successful turn-on of the 3.3 V supply). Once all
three supplies are good, the PWRGD state is entered, where the
SE remains until a fault occurs on one of the three supplies or
until it is instructed to go through a power-down sequence by
VX1 going high.
IDLE1
IDLE2
EN3V3
DIS3V3
DIS2V5
PWRGD
FSEL1
FSEL2
SEQUENCE
STATES
MONITOR FAULT
STATES
TIMEOUT
STATES
VX1 = 0
VP1 = 1
VP1 = 0
(VP1 + VP2) = 0
(VP1 + VP2 + VP3) = 0
(VP1 +
VP2) = 0
VP2 = 1
VP3 = 1
VP2 = 0
VX1 = 1
VP3 = 0
VP2 = 0
VP1 = 0
VX1 = 1
VX1 = 1
10ms
20ms
EN2V5
Figure 24. Sample Application Flow Diagram
Faults are dealt with throughout the power-up sequence on a
case-by-case basis. The following three sections describe the
individual blocks and use the sample application in Figure 24 to
demonstrate the state machine’s actions.
Sequence Detector
The sequence detector block is used to detect when a step in a
sequence has been completed. It looks for one of the SE inputs
to change state, and is most often used as the gate on successful
progress through a power-up or power-down sequence. A timer
block that is included in this detector can insert delays into a
power-up or power-down sequence, if required. Timer delays
can be set from 10 μs to 400 ms. Figure 25 is a block diagram of
the sequence detector.
SUPPLY FAULT
DETECTION
LOGIC INPUT CHANGE
OR FAULT DETECTION
WARNINGS
FORCE FLOW
(UNCONDITIONAL JUMP)
VP1
VX5
INVERT
SEQUENCE
DETECTOR
SELECT
TIMER
Figure 25. Sequence Detector Block Diagram
The sequence detector can also help to identify monitoring
faults. In the sample application shown in Figure 24, the FSEL1
and FSEL2 states first identify which of the VP1, VP2, or VP3
pins has faulted, and then they take the appropriate action.
Monitoring Fault Detector
The monitoring fault detector block is used to detect a failure
on an input. The logical function implementing this is a wide
OR gate, which can detect when an input deviates from its
expected condition. The clearest demonstration of the use of
this block is in the PWRGD state, where the monitor block
indicates that a failure on one or more of the VP1, VP2, or VP3
inputs has occurred.
No programmable delay is available in this block because the
triggering of a fault condition is likely to be caused by a supply
falling out of tolerance. In this situation, the user needs to react
as quickly as possible. Some latency occurs when moving out of
this state, however, because it takes a finite amount of time
(~20 μs) for the state configuration to download from EEPROM
into the SE. Figure 26 is a block diagram of the monitoring fault
detector.
Table 8. PDO Outputs for Each State
PDO Outputs
IDLE1
IDLE2
EN3V3
EN2V5
DIS3V3
DIS2V5
PWRGD
FSEL1
FSEL2
PDO1 = 3V3ON
0
0
1
1
0
1
1
1
1
PDO2 = 2V5ON
0
0
0
1
1
0
1
1
1
PDO3 = FAULT
0
0
0
0
1
1
0
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com