Electronic Components Datasheet Search
  English  ▼

X  

ADM1067ASU Datasheet(PDF) 27 Page - Analog Devices

Part # ADM1067ASU
Description  Super Sequencer with Open-Loop Margining DACs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1067ASU Datasheet(HTML) 27 Page - Analog Devices

Back Button ADM1067ASU Datasheet HTML 23Page - Analog Devices ADM1067ASU Datasheet HTML 24Page - Analog Devices ADM1067ASU Datasheet HTML 25Page - Analog Devices ADM1067ASU Datasheet HTML 26Page - Analog Devices ADM1067ASU Datasheet HTML 27Page - Analog Devices ADM1067ASU Datasheet HTML 28Page - Analog Devices ADM1067ASU Datasheet HTML 29Page - Analog Devices ADM1067ASU Datasheet HTML 30Page - Analog Devices ADM1067ASU Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
ADM1067
Rev. B | Page 27 of 32
Table 10. Serial Bus Slave Address
A0 Pin
A1 Pin
Hex Address
7-Bit Address
Low
Low
0x78
0111100X1
Low
High
0x7A
0111101X1
High
Low
0x7C
0111110X1
High
High
0x7E
0111111X1
1 X = Read/Write bit. The address is shown only as the first 7 MSBs.
The device also has several identification registers (read-only)
that can be read across the SMBus. Table 11 lists these registers
with their values and functions.
Table 11. Identification Register Values and Functions
Name
Address
Value
Function
MANID
0xF4
0x41
Manufacturer ID for Analog
Devices
REVID
0xF5
0x02
Silicon revision
MARK1
0xF6
0x00
Software brand
MARK2
0xF7
0x00
Software brand
General SMBus Timing
Figure 30, Figure 31, and Figure 32 are timing diagrams for
general read and write operations using the SMBus. The SMBus
specification defines specific conditions for different types of
read and write operations, which are discussed in the Write
Operations section and Read Operations section.
The general SMBus protocol operates as follows:
1.
The master initiates data transfer by establishing a start
condition, defined as a high-to-low transition on the serial
data-line SDA, while the serial clock-line SCL remains
high. This indicates that a data stream follows. All slave
peripherals connected to the serial bus respond to the start
condition and shift in the next 8 bits, consisting of a 7-bit
slave address (MSB first) plus an R/W bit. This bit deter-
mines the direction of the data transfer, that is, whether
data is written to or read from the slave device (0 = write,
1 = read).
The peripheral whose address corresponds to the transmit-
ted address responds by pulling the data line low during
the low period before the ninth clock pulse, known as the
acknowledge bit, and by holding it low during the high
period of this clock pulse.
All other devices on the bus remain idle while the selected
device waits for data to be read from or written to it. If the
R/W bit is a 0, the master writes to the slave device. If the
R/W bit is a 1, the master reads from the slave device.
2.
Data is sent over the serial bus in sequences of nine clock
pulses, eight bits of data followed by an acknowledge bit
from the slave device. Data transitions on the data line
must occur during the low period of the clock signal and
remain stable during the high period, because a low-to-
high transition when the clock is high could be interpreted
as a stop signal. If the operation is a write operation, the
first data byte after the slave address is a command byte.
This tells the slave device what to expect next. It could be
an instruction telling the slave device to expect a block
write, or it could simply be a register address telling the
slave where subsequent data is to be written. Because data
can flow in only one direction, as defined by the R/W bit,
sending a command to a slave device during a read
operation is not possible. Before a read operation, it could
be necessary to perform a write operation to tell the slave
what sort of read operation to expect and/or the address
from which data is to be read.
3.
When all data bytes have been read or written, stop condi-
tions are established. In write mode, the master pulls the
data line high during the 10th clock pulse to assert a stop
condition. In read mode, the master device releases the SDA
line during the low period before the ninth clock pulse, but
the slave device does not pull it low. This is known as no
acknowledge. The master then takes the data line low during
the low period before the 10th clock pulse, and then high
during the 10th clock pulse to assert a stop condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com