Electronic Components Datasheet Search
  English  ▼

X  

ADM1067ASU Datasheet(PDF) 22 Page - Analog Devices

Part # ADM1067ASU
Description  Super Sequencer with Open-Loop Margining DACs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1067ASU Datasheet(HTML) 22 Page - Analog Devices

Back Button ADM1067ASU Datasheet HTML 18Page - Analog Devices ADM1067ASU Datasheet HTML 19Page - Analog Devices ADM1067ASU Datasheet HTML 20Page - Analog Devices ADM1067ASU Datasheet HTML 21Page - Analog Devices ADM1067ASU Datasheet HTML 22Page - Analog Devices ADM1067ASU Datasheet HTML 23Page - Analog Devices ADM1067ASU Datasheet HTML 24Page - Analog Devices ADM1067ASU Datasheet HTML 25Page - Analog Devices ADM1067ASU Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
ADM1067
Rev. B | Page 22 of 32
SUPPLY MARGINING
OVERVIEW
It is often necessary for the system designer to adjust supplies,
either to optimize their level or force them away from nominal
values to characterize the system performance under these
conditions. This is a function typically performed during an in-
circuit test (ICT), such as when the manufacturer wants to
guarantee that the product under test functions correctly at
nominal supplies minus 10%.
OPEN-LOOP MARGINING
The simplest method of margining a supply is to implement an
open-loop technique. A popular method for this is to switch extra
resistors into the feedback node of a power module, such as a
dc-to-dc converter or low dropout regulator (LDO). The extra
resistor alters the voltage at the feedback or trim node and forces
the output voltage to margin up or down by a certain amount.
The ADM1067 can perform open-loop margining for up to six
supplies. The six on-board voltage DACs (DAC1 to DAC6) can
drive into the feedback pins of the power modules to be
margined. The simplest circuit to implement this function is an
attenuation resistor that connects the DACn pin to the feedback
node of a dc-to-dc converter. When the DACn output voltage is
set equal to the feedback voltage, no current flows into the
attenuation resistor, and the dc-to-dc output voltage does not
change. Taking DACn above the feedback voltage forces current
into the feedback node, and the output of the dc-to-dc
converter is forced to fall to compensate for this. The dc-to-dc
output can be forced high by setting the DACn output voltage
lower than the feedback node voltage. The series resistor can be
split in two, and the node between them decoupled with a
capacitor to ground. This can help to decouple any noise picked
up from the board. Decoupling to a ground local to the dc-to-
dc converter is recommended.
OUTPUT
DC/DC
CONVERTER
FEEDBACK
GND
ATTENUATION
RESISTOR
PCB
TRACE NOISE
DECOUPLING
CAPACITOR
ADM1067
DACOUTn
VOUT
DAC
μCONTROLLER
VIN
DEVICE
CONTROLLER
(SMBus)
Figure 27. Open-Loop Margining System Using the ADM1067
The ADM1067 can be commanded to margin a supply up or
down over the SMBus by updating the values on the relevant
DAC output.
To implement open-loop margining:
1.
Disable the six DAC outputs.
2.
Set the DAC output voltage equal to the voltage on the
feedback node.
3.
Enable the DAC.
4.
Assert MUP (drive logic high). The DAC voltage moves
down to the value set in the DNLIM register (see the
AN-698 Application Note). The output of the dc-to-dc
converter rises to compensate for this, that is, margin up.
5.
Assert MDN (drive logic high). The DAC voltage moves down
to the value set in the DPLIM register (see the AN-698
Application Note). The output of the dc-to-dc converter
drops to compensate for this, that is, margin down.
Steps 1 to 3 ensure that when the DACn output buffer is turned
on, it has little effect on the dc-to-dc output. The DAC output
buffer is designed to power up without glitching. It does this by
first powering up the buffer to follow the pin voltage and does
not drive out onto the pin at this time. Once the output buffer is
properly enabled, the buffer input is switched over to the DAC,
and the output stage of the buffer is turned on. Output glitching
is negligible.
The margining method above assumes that margin up and mar-
gin down DAC limits have been preloaded into the ADM1067
and that only one margin up and margin down level are required.
Alternatively, a DACn output level can be dynamically altered
by an SMBus write to that DACn output register.
WRITING TO THE DACs
Four DAC ranges are offered. They can be placed with midcode
(Code 0x7F) at 0.6 V, 0.8 V, 1.0 V, and 1.25 V. These voltages are
placed to correspond to the most common feedback voltages.
Centering the DAC outputs in this way provides the best use of
the DAC resolution. For most supplies, it is possible to place the
DAC midcode at the point where the dc-to-dc output is not
modified, thereby giving half of the DAC range to margin up
and the other half to margin down.
The DAC output voltage is set by the code written to the DACn
register. The voltage is linear with the unsigned binary number
in this register. Code 0x7F is placed at the midcode voltage, as
described previously.
The output voltage is given by the following equation:
DAC Output = (DACn − 0x7F)/255 × 0.6015 + VOFF
where VOFF is one of the four offset voltages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com