Electronic Components Datasheet Search
  English  ▼

X  

ADM1067ASU Datasheet(PDF) 24 Page - Analog Devices

Part # ADM1067ASU
Description  Super Sequencer with Open-Loop Margining DACs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1067ASU Datasheet(HTML) 24 Page - Analog Devices

Back Button ADM1067ASU Datasheet HTML 20Page - Analog Devices ADM1067ASU Datasheet HTML 21Page - Analog Devices ADM1067ASU Datasheet HTML 22Page - Analog Devices ADM1067ASU Datasheet HTML 23Page - Analog Devices ADM1067ASU Datasheet HTML 24Page - Analog Devices ADM1067ASU Datasheet HTML 25Page - Analog Devices ADM1067ASU Datasheet HTML 26Page - Analog Devices ADM1067ASU Datasheet HTML 27Page - Analog Devices ADM1067ASU Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
ADM1067
Rev. B | Page 24 of 32
APPLICATIONS DIAGRAM
3.3V OUT
3.3V OUT
VH
PDO8
PDO9
PDO10
SYSTEM RESET
PDO7
SIGNAL_VALID
PDO6
POWER_GOOD
PDO2
DAC1*
PDO1
PDO5
PDO4
PDO3
EN
OUT
DC-DC1
IN
3.3V OUT
3V OUT
5V OUT
12V OUT
EN
OUT
DC-DC2
IN
2.5V OUT
EN
OUT
DC-DC3
IN
EN
OUT
LDO
IN
1.8V OUT
0.9V OUT
1.2V OUT
12V IN
5V IN
3V IN
MARGIN DOWN
MDN
MARGIN UP
MUP
5V OUT
VP1
3V OUT
VP2
3.3V OUT
VP3
2.5V OUT
VP4
1.8V OUT
VX1
1.2V OUT
VX2
0.9V OUT
VX3
POWER_ON
VX4
RESET_L
VX5
10µF
VCCP
10µF
VDDCAP
10µF
REFOUT GND
EN
TRIM
OUT
DC-DC4
IN
ADM1067
*ONLY ONE MARGINING CIRCUIT
SHOWN FOR CLARITY. DAC1 TO DAC6
WILL ALLOW MARGINING FOR UP TO
SIX VOLTAGE RAILS.
Figure 28. Applications Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com