Electronic Components Datasheet Search
  English  ▼

X  

ADM1067ASU Datasheet(PDF) 30 Page - Analog Devices

Part # ADM1067ASU
Description  Super Sequencer with Open-Loop Margining DACs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1067ASU Datasheet(HTML) 30 Page - Analog Devices

Back Button ADM1067ASU Datasheet HTML 24Page - Analog Devices ADM1067ASU Datasheet HTML 25Page - Analog Devices ADM1067ASU Datasheet HTML 26Page - Analog Devices ADM1067ASU Datasheet HTML 27Page - Analog Devices ADM1067ASU Datasheet HTML 28Page - Analog Devices ADM1067ASU Datasheet HTML 29Page - Analog Devices ADM1067ASU Datasheet HTML 30Page - Analog Devices ADM1067ASU Datasheet HTML 31Page - Analog Devices ADM1067ASU Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
ADM1067
Rev. B | Page 30 of 32
8
•
To set up a 2-byte EEPROM address for a subsequent read,
write, block read, block write, or page erase. In this case,
the command byte is the high byte of the EEPROM address
from 0xF8 to 0xFB. The only data byte is the low byte of
the EEPROM address, as shown in Figure 36.
SLAVE
ADDRESS
EEPROM
ADDRESS
HIGH BYTE
(0xF8 TO 0xFB)
SW A
EEPROM
ADDRESS
LOW BYTE
(0x00 TO 0xFF)
AP
A
24
13
5
7
6
Figure 36. Setting an EEPROM Address
Because a page consists of 32 bytes, only the 3 MSBs of the
address low byte are important f or page erasure. The lower
five bits of the EEPROM address low byte specify the
addresses within a page and are ignored during an erase
operation.
•
To write a single byte of data to EEPROM. In this case, the
command byte is the high byte of the EEPROM address
from 0xF8 to 0xFB. The first data byte is the low byte of the
EEPROM address, and the second data byte is the actual
data, as shown in Figure 37.
SLAVE
ADDRESS
EEPROM
ADDRESS
HIGH BYTE
(0xF8 TO 0xFB)
SW A
EEPROM
ADDRESS
LOW BYTE
(0x00 TO 0xFF)
A
A
24
13
5
7
A
9
DATA
8
6
P
10
Figure 37. Single Byte Write to EEPROM
Block Write
In a block write operation, the master device writes a block of
data to a slave device. The start address for a block write must
have been set previously. In the ADM1067, a send byte opera-
tion sets a RAM address, and a write byte/word operation sets
an EEPROM address, as follows:
1.
The master device asserts a start condition on SDA.
2.
The master sends the 7-bit slave address followed by
the write bit (low).
3.
The addressed slave device asserts ACK on SDA.
4.
The master sends a command code that tells the slave
device to expect a block write. The ADM1067 command
code for a block write is 0xFC (1111 1100).
5.
The slave asserts ACK on SDA.
6.
The master sends a data byte that tells the slave device how
many data bytes are being sent. The SMBus specification
allows a maximum of 32 data bytes in a block write.
7.
The slave asserts ACK on SDA.
8.
The master sends N data bytes.
9.
The slave asserts ACK on SDA after each data byte.
10. The master asserts a stop condition on SDA to end the
transaction.
SLAVE
ADDRESS
SW A
2
COMMAND 0xFC
(BLOCK WRITE)
4
13
A
5
BYTE
COUNT
6
A
7
A
9
10
A P
A
DATA
1
8
DATA
N
DATA
2
Figure 38. Block Write to EEPROM or RAM
Unlike some EEPROM devices that limit block writes to within
a page boundary, there is no limitation on the start address
when performing a block write to EEPROM, except when
•
There must be at least N locations from the start address to
the highest EEPROM address (0xFBFF), to avoid writing to
invalid addresses.
•
An addresses cross a page boundary. In this case, both
pages must be erased before programming.
Note that the ADM1067 features a clock extend function for
writes to EEPROM. Programming an EEPROM byte takes
approximately 250 μs, which limits the SMBus clock for repeated
or block write operations. The ADM1067 pulls SCL low and
extends the clock pulse when it cannot accept any more data.
READ OPERATIONS
The ADM1067 uses the following SMBus read protocols.
Receive Byte
In a receive byte operation, the master device receives a single
byte from a slave device, as follows:
1.
The master device asserts a start condition on SDA.
2.
The master sends the 7-bit slave address followed by the
read bit (high).
3.
The addressed slave device asserts ACK on SDA.
4.
The master receives a data byte.
5.
The master asserts no acknowledge on SDA.
6.
The master asserts a stop condition on SDA, and the
transaction ends.
In the ADM1067, the receive byte protocol is used to read a
single byte of data from a RAM or EEPROM location whose
address has previously been set by a send byte or write
byte/word operation, as shown in Figure 39.
23
14
5
SLAVE
ADDRESS
S
R
DATA
P
A
6
A
Figure 39. Single Byte Read from EEPROM or RAM
Block Read
In a block read operation, the master device reads a block of
data from a slave device. The start address for a block read must
have been set previously. In the ADM1067, this is done by a
send byte operation to set a RAM address, or a write byte/word
operation to set an EEPROM address. The block read operation
itself consists of a send byte operation that sends a block read
command to the slave, immediately followed by a repeated start
and a read operation that reads out multiple data bytes, as
follows:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com